Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-90D-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-90D-15
Description  90W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-90D-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  NPF-90D-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-90D-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-90D-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-90D-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-90D-15 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-90D-15 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
82%
83%
84%
85%
86%
87%
88%
89%
90%
91%
92%
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
115VAC
230VAC
277VAC
EFFICIENCY vs LOAD (48V Model)
DRIVING METHODS OF LED MODULE
This LED power supply is suggested to work in constant current mode area (CC) to drive the LEDs.
In the constant current region, the highest voltage at the output of the driver
depends on the configuration of the end systems.
Should there be any compatibility issues, please contact MEAN WELL.
LOAD
NPF-90D series possess superior working efficiency that up to 90.5% can be reached in field applications.
90W Single Output Switching Power Supply
NPF-90D series
File Name:NPF-90D-SPEC 2015-11-30
Typical LED power supply I-V curve
100
60
(min)
50
100
Io(%)
Hiccup
Protection
Constant
Current area


Similar Part No. - NPF-90D-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-12 MEANWELL-NPF-90-12 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-15 MEANWELL-NPF-90-15 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-20 MEANWELL-NPF-90-20 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-24 MEANWELL-NPF-90-24 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
More results

Similar Description - NPF-90D-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com