Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-90D-12 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-90D-12
Description  90W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-90D-12 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  NPF-90D-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-90D-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-90D-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-90D-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-90D-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-90D-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Mechanical Specification
Case No.PWM-90P
Unit:mm
Recommend Mounting Direction
※ T case: Max. Case Temperature.
SJTW 16AWG
2C
×
UL2464 18AWG
2C
×
300
20
±
300
20
±
SJTW 18AWG
2C
×
2-
4.5
ψ
AC/L(Brown)
AC/N(Blue)
171
5
5
+V(Red)
-V(Black)
DIM+(Blue)
DIM-(White)
5
5
85.5
90W Single Output Switching Power Supply
NPF-90D series
File Name:NPF-90D-SPEC 2015-11-30
Installation Manual


Similar Part No. - NPF-90D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-12 MEANWELL-NPF-90-12 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-15 MEANWELL-NPF-90-15 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-20 MEANWELL-NPF-90-20 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
NPF-90-24 MEANWELL-NPF-90-24 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
More results

Similar Description - NPF-90D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com