Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-90 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-90
Description  90W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-90 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  NPF-90 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-90 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-90 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-90 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-90 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NPF-90D
DIMMING OPERATION
※ Please DO NOT connect "DIM-" to "-V".
60K
Ω
60%
10K
Ω
Short
10K
/N
Ω
Short
20K
/N
Ω 30K /N
Ω 40K /N
Ω 50K /N
Ω 60K /N
Ω 70K /N
Ω 80K /N
Ω 90K /N
Ω 100K /N
Ω
Single driver
Multiple drivers
(N=driver quantity for synchronized
dimming operation)
10%
0%
20K
Ω
20%
30K
Ω
30%
40K
Ω
40%
50K
Ω
50%
70K
Ω
70%
80K
Ω
80%
90K
Ω 100KΩ
OPEN
90%
100%
Resistance
value
Percentage of rated current
95%~108%
-----
60%
1V
0V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
0%
20%
30%
40%
50%
70%
80%
OPEN
OPEN
90%
100%
Dimming value
Percentage of rated current
※ Built-in 3 in 1 dimming function, IP67 rated. Output constant current level can be adjusted through output cable by connecting a resistance or
0 ~ 10Vdc or 10V PWM signal between DIM+ and DIM-.
※ Reference resistance value for output current adjustment (Typical)
※ 0 ~ 10V dimming function for output current adjustment (Typical)
60%
60%
10%
0%
10%
0%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Duty value
Percentage of rated current
※ 10V PWM signal for output current adjustment (Typical): Frequency range:100Hz ~ 3KHz
95%~108%
95%~108%
AC/L(Brown)
AC/N(Blue)
+V(Red)
-V(Black)
DIM+(Blue)
DIM-(White)
90W Single Output Switching Power Supply
NPF-90D series
File Name:NPF-90D-SPEC 2015-11-30
0V
0%
1V
10%
2V
20%
3V
30%
4V
40%
5V
50%
Dimming input
6V
60%
7V
70%
8V
80%
9V
90%
10V
0~10V
100%
Duty cycle of 10V PWM (frequency range = 100~3KHz)
10%
0%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Short~100K
/N resistance (N=driver quantity for synchronized
Ω
dimming operation )
Short 10K/N
※ Note : 1. Min. dimming level is about 6%
2. The output current is not defined when 0%< out<6%
I
3. The output current could drop down to 0% when dimming input
is about 0
or 0Vdc, or 10V PWM signal with 0% duty cycle
K
Ω
Note
20K/N 30K/N 40K/N 50K/N 60K/N 70K/N 80K/N 90K/N 100K/N
◎ Dimming Characteristic
95%~108% when DIM+/DIM- are open circuit.


Similar Part No. - NPF-90

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-12 MEANWELL-NPF-90D-12 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-15 MEANWELL-NPF-90D-15 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-20 MEANWELL-NPF-90D-20 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
NPF-90D-24 MEANWELL-NPF-90D-24 Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
More results

Similar Description - NPF-90

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1108 MEANWELL-LPF-90_1108 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
   90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
   90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
   90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
   90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
   90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
   90W Single Output LED Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
   90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
   90W Single Output External Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com