Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-60D-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-60D-12
Description  60W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-60D-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  NPF-60D-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-60D-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-60D-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-60D-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-60D-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-60D-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
60W Single Output Switching Power Supply
NPF-60D series
File Name:NPF-60D-SPEC 2015-11-30
SPECIFICATION
MODEL
DC VOLTAGE
CONSTANT CURRENT REGION
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.4
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER CURRENT
OVER VOLTAGE
OVER TEMPERATURE
16ms/230VAC
16ms/115VAC at full load
90 ~ 305VAC
127 ~ 431VDC
47 ~ 63Hz
95 ~ 108%
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Compliance to EN55015, EN61000-3-2 Class C (
60% load) ; EN61000-3-3
Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge 2KV), criteria A
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidthby using a 12" twisted pair-wire terminated witha 0.1uf & 47uf parallel
capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
500ms, 80ms at 95% load
115VAC / 230VAC
EMC IMMUNITY
EMC EMISSION
COLD START 50A(twidth=270 s measured at 50% Ipeak) at 230VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
-40 ~ +70
(Refer to "Derating Curve")
NPF-60D-15
NPF-60D-12
NPF-60D-20 NPF-60D-24 NPF-60D-30 NPF-60D-36 NPF-60D-42 NPF-60D-48 NPF-60D-54
TOTAL HARMONIC DISTORTION
UL8750, CSA C22.2 No. 250.13-12, ENEC EN61347-1, EN61347-2-13, EN62384 independent,
17.5 ~ 21V
15 ~ 17V
23 ~ 27V
28 ~ 34V
34 ~ 40V
41 ~ 46V
54 ~ 60V
46 ~ 54V
59 ~ 66V
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
IP67 approved; Design refer to EN60335-1
Shut down o/p voltage, re-power on to recover
μ
314.05K hrs min.
MIL-HDBK-217F (25
)
±4.0%
±4.0%
±4.0%
±3.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±1.0%
±1.5%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
±0.5%
15V
12V
20V
24V
30V
36V
48V
4A
5A
3A
2.5A
1.67A
1.25A
60W
60W
60W
60W
60W
60.12W
60W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
200mVp-p
54V
1.12A
60.48W
350mVp-p
42V
1.43A
60.06W
200mVp-p
9 ~ 15V
7.2 ~ 12V
12 ~ 20V
14.4 ~ 24V 18 ~ 30V
21.6 ~ 36V
28.8 ~ 48V 32.4 ~ 54V
25.2 ~ 42V
2A
PF>0.97/115VAC, PF>0.95/230VAC, PF>0.92/277VAC at full load (Please refer to "Power Factor Characteristic" curve)
THD< 20% when output loading
60% at 115VAC/230VAC input and output loading
75% at 277VAC input
≧≧
87%
86%
88%
89%
90%
90%
90%
90%
90%
0.8A / 115VAC
0.4A / 230VAC
0.32A / 277VAC
<0.25mA / 277VAC
Protection type : Shut down o/p voltage, re-power on to recover
150*53*35mm (L*W*H)
0.49Kg;30pcs/15.7Kg/1.0CUFT
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
9 units (circuit breaker of type B) / 16 units (circuit breaker of type C) at 230VAC


Similar Part No. - NPF-60D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60 MEANWELL-NPF-60 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-12 MEANWELL-NPF-60-12 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-15 MEANWELL-NPF-60-15 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-20 MEANWELL-NPF-60-20 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
NPF-60-24 MEANWELL-NPF-60-24 Datasheet
126Kb / 5P
   60W Single Output Switching Power Supply
More results

Similar Description - NPF-60D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com