Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5901EMNTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5901EMNTBG
Description  Compatible Synchronous Buck MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5901EMNTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5901EMNTBG Datasheet HTML 1Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 2Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 3Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 4Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 5Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 6Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 7Page - ON Semiconductor NCP5901EMNTBG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NCP5901E
http://onsemi.com
4
Table 4. ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: −20°C < TA < +125°C; 4.5 V < VCC < 13.2 V,
4.5 V < BST−SWN < 13.2 V, 4.5 V < BST < 30 V, 0 V < SWN < 21 V)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
SUPPLY VOLTAGE
VCC Operation Voltage
4.5
13.2
V
Power ON Reset Threshold
2.75
3.2
V
UNDERVOLTAGE LOCKOUT
VCC Start Threshold
3.8
4.35
4.5
V
VCC UVLO Hysteresis
150
200
250
mV
Output Overvoltage Trip Threshold at
Startup
Power Startup time, VCC > POR
2.1
2.25
2.4
V
SUPPLY CURRENT
Normal Mode
Icc + Ibst, EN = 5 V, PWM = OSC, Fsw = 100 KHz,
Cload = 3 nF for DRVH, 3 nF for DRVL
12.2
mA
Standby Current
Icc + Ibst, EN = GND
0.5
1.9
mA
Standby Current
ICC + IBST, EN = HIGH, PWM = LOW,
No loading on DRVH & DRVL
2.1
mA
Standby Current
ICC + IBST, EN = HIGH, PWM = HIGH,
No loading on DRVH & DRVL
2.2
mA
PWM INPUT
PWM Input High
3.4
V
PWM Mid−State
1.3
2.7
V
PWM Input Low
0.7
V
ZCD Blanking Timer
250
ns
HIGH SIDE DRIVER (VCC = 12 V)
Output Impedance, Sourcing Current
VBST − VSW = 12 V
2.0
3.5
W
Output Impedance, Sinking Current
VBST − VSW = 12 V
1.0
2.0
W
DRVH Rise Time trDRVH
VVCC = 12 V, 3 nF load, VBST−VSW = 12 V
16
30
ns
DRVH Fall Time tfDRVH
VVCC = 12 V, 3 nF load, VBST−VSW = 12 V
11
25
ns
DRVH Turn−Off Propagation Delay
tpdhDRVH
CLOAD = 3 nF
8.0
30
ns
DRVH Turn−On Propagation Delay
tpdlDRVH
CLOAD = 3 nF
30
ns
SW Pull Down Resistance
SW to PGND
45
kW
DRVH Pull Down Resistance
DRVH to SW, BST−SW = 0 V
45
kW
HIGH SIDE DRIVER (VCC = 5 V)
Output Impedance, Sourcing Current
VBST − VSW = 5 V
4.5
W
Output Impedance, Sinking Current
VBST − VSW = 5 V
2.9
W
DRVH Rise Time trDRVH
VVCC = 5 V, 3 nF load, VBST − VSW = 5 V
30
ns
DRVH Fall Time tfDRVH
VVCC = 5 V, 3 nF load, VBST − VSW = 5 V
27
ns
DRVH Turn−Off Propagation Delay
tpdhDRVH
CLOAD = 3 nF
20
ns
DRVH Turn−On Propagation Delay
tpdlDRVH
CLOAD = 3 nF
27
ns
SW Pull Down Resistance
SW to PGND
45
kW
DRVH Pull Down Resistance
DRVH to SW, BST−SW = 0 V
45
kW


Similar Part No. - NCP5901EMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901B ONSEMI-NCP5901B Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BDR2G ONSEMI-NCP5901BDR2G Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
NCP5901BDR2G ONSEMI-NCP5901BDR2G Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
More results

Similar Description - NCP5901EMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP81146 ONSEMI-NCP81146 Datasheet
131Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
October, 2013 ??Rev. 0
NCP5901MNTBG ONSEMI-NCP5901MNTBG Datasheet
140Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81161 ONSEMI-NCP81161 Datasheet
131Kb / 8P
   VR12.5 Compatible Synchronous Buck MOSFET Drivers
August, 2013 ??Rev. 2
NCP5901B ONSEMI-NCP5901B Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com