Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP308MT120TBG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP308MT120TBG
Description  Low Quiescent Current, Programmable Delay Time Supervisory Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP308MT120TBG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP308MT120TBG Datasheet HTML 3Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 4Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 5Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 6Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 7Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 8Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 9Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 10Page - ON Semiconductor NCP308MT120TBG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCP308, NCV308
www.onsemi.com
9
CT(nF)
+ tD(s) * 0.5
10−3(s)
175
(eq. 2)
Parasitic capacitances of CT pin should be considered to
avoid reset delay time deviation or error.
Immunity to Sense Pin Voltage Transients
NCP308 is relatively immune to short negative transients
on SENSE pin. Sensitivity to transients is dependent on
threshold overdrive, as shown in the Maximum Transient
Duration at Sense vs. Sense Threshold Overdrive Voltage
graph (Figure 9) in Typical Operating Characteristics
section.
ORDERING INFORMATION
Device
Status (Note 6)
Threshold
Voltage
(VIT)
Nominal
Monitored
Voltage
Marking
Package
Shipping
NCP308SNADJT1G
Active
0.405 V
Adjustable
Version
ADJ
TSOP−6
(Pb−Free)
3000 / Tape & Reel
NCV308SNADJT1G*
Active
0.405 V
VDJ
NCP308SN090T1G
Active
0.84 V
0.9 V
090
NCP308SN120T1G
Active
1.12 V
1.2 V
120
NCP308SN125T1G
Active
1.16 V
1.25 V
125
NCP308SN150T1G
Active
1.40 V
1.5 V
150
NCP308SN180T1G
Active
1.67 V
1.8 V
180
NCP308SN190T1G
Active
1.77 V
1.9 V
190
NCP308SN250T1G
Active
2.33 V
2.5 V
250
NCP308SN280T1G
Active
2.61 V
2.8 V
280
NCP308SN300T1G
Active
2.79 V
3.0 V
300
NCP308SN330T1G
Active
3.07 V
3.3 V
330
NCV308SN330T1G*
Active
3.07 V
3.3 V
33A
NCP308SN500T1G
Active
4.65 V
5.0 V
500
NCP308MTADJTBG
Active
0.405 V
Adjustable
Version
AA
WDFN6
(Pb−Free)
NCP308MT090TBG
Active
0.84 V
0.9 V
AC
NCP308MT120TBG
Active
1.12 V
1.2 V
AD
NCP308MT125TBG
Active
1.16 V
1.25 V
AE
NCP308MT150TBG
Active
1.40 V
1.5 V
AF
NCP308MT180TBG
Active
1.67 V
1.8 V
AG
NCP308MT190TBG
Active
1.77 V
1.9 V
AH
NCP308MT250TBG
Active
2.33 V
2.5 V
AJ
NCP308MT280TBG
Active
2.61 V
2.8 V
AK
NCP308MT300TBG
Active
2.79 V
3.0 V
AL
NCP308MT330TBG
Active
3.07 V
3.3 V
AM
NCP308MT500TBG
Active
4.65 V
5.0 V
AN
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
6. The marketing status are defined as below:
Active: Products in production and recommended for new designs;
Under Request: Device has been announced but is not in production. Samples may or may not be available.


Similar Part No. - NCP308MT120TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP300 ONSEMI-NCP300 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300 ONSEMI-NCP300 Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
More results

Similar Description - NCP308MT120TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV308 ONSEMI-NCV308 Datasheet
196Kb / 10P
   Low Quiescent Current, Programmable Delay Time, Supervisory Circuit
June, 2019 ??Rev. 0
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com