Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4206 Datasheet(PDF) 17 Page - ON Semiconductor

Part # NCP4206
Description  Digital Programmable Multi-Phase Synchronous Buck Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4206 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button NCP4206 Datasheet HTML 13Page - ON Semiconductor NCP4206 Datasheet HTML 14Page - ON Semiconductor NCP4206 Datasheet HTML 15Page - ON Semiconductor NCP4206 Datasheet HTML 16Page - ON Semiconductor NCP4206 Datasheet HTML 17Page - ON Semiconductor NCP4206 Datasheet HTML 18Page - ON Semiconductor NCP4206 Datasheet HTML 19Page - ON Semiconductor NCP4206 Datasheet HTML 20Page - ON Semiconductor NCP4206 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
NCP4206
http://onsemi.com
17
R/W
1
SCL
SDA
1
0
0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
REPEATED START
BY MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
1
1
ACK. BY
NCP4206
9
0
9
DATA BYTE
FROM NCP4206
R/W
1
SCL
SDA
10
0
0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
NCP4206
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
COMMANDCODE
1
1
ACK. BY
NCP4206
9
9
STOP BY
MASTER
Figure 12. Read Byte
1. It is not possible to read or write a data byte from a
data register without first writing to the address
pointer register, even if the address pointer register
is already at the correct value.
2. In addition to supporting the send byte, the
NCP4206 also supports the read byte, write byte,
read word and write word protocols. (See System
Management Bus Specifications Rev. 2.0 and the
SMBus Specification Rev 1.1 Part I and Part II for
more information.)
The SMBus specification defines several protocols for
different types of read and write operations. The ones used
in the NCP4206 are discussed in this section. The following
abbreviations are used in the diagrams:
S − START
P − STOP
R − READ
W − WRITE
A − ACKNOWLEDGE
A − NO ACKNOWLEDGE
The NCP4206 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single
command byte to a slave device as follows:
1. The master device asserts a start condition on
SDA.
2. The master sends the 7−bit slave address followed
by the write bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code.
5. The slave asserts ACK on SDA.
6. The master asserts a stop condition on SDA and
the transaction ends.
For the NCP4206, the send byte protocol is used to clear
Faults. This operation is shown in Figure 13.
Figure 13. Send Byte Command
SLAVE
ADDRESS
COMMAND
CODE
A
A
W
SP
24
6
5
3
1
If the master is required to read data from the register
immediately after setting up the address, it can assert a repeat
start condition immediately after the final ACK and carry
out a single byte read without asserting an intermediate stop
condition.
Write Byte
In this operation, the master device sends a command byte
and one data byte to the slave device as follows: The master
device asserts a start condition on SDA.
1. The master sends the 7−bit slave address followed
by the write bit (low).
2. The addressed slave device asserts ACK on SDA.
3. The master sends a command code.
4. The slave asserts ACK on SDA.
5. The master sends a data byte.
6.
The slave asserts ACK on SDA.
7. The master asserts a stop condition on SDA and
the transaction ends.
The byte write operation is shown Figure 14.
Figure 14. Single Byte Write to a Register
SLAVE
ADDRESS
COMMAND
CODE
DATA
A
A
W
SA
24
6
5
3
17
P
8


Similar Part No. - NCP4206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4201 ONSEMI-NCP4201 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
More results

Similar Description - NCP4206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
logo
International Rectifier
CHL8316 IRF-CHL8316 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com