Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4206 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4206
Description  Digital Programmable Multi-Phase Synchronous Buck Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4206 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4206 Datasheet HTML 6Page - ON Semiconductor NCP4206 Datasheet HTML 7Page - ON Semiconductor NCP4206 Datasheet HTML 8Page - ON Semiconductor NCP4206 Datasheet HTML 9Page - ON Semiconductor NCP4206 Datasheet HTML 10Page - ON Semiconductor NCP4206 Datasheet HTML 11Page - ON Semiconductor NCP4206 Datasheet HTML 12Page - ON Semiconductor NCP4206 Datasheet HTML 13Page - ON Semiconductor NCP4206 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
NCP4206
http://onsemi.com
10
39
VCC
10kΩ
1V
NCP4206
680Ω
680Ω
12V
DVFB =FBDV = 80mV – FBDV =0mV
+
16
COMP
15
FB
17
CSREF
7
GND
VID
DAC
32
31
VCC
VCC
Figure 5. Current Sensing Amplifier VOS
CSSUM
19
CSCOMP
18
39
VCC
CSREF
17
GND
7
39kΩ
680Ω
680Ω
100nF
1kΩ
1V
NCP4206
VOS =
CSCOMP – 1V
40
12V
32
31
VCC
VCC
Figure 6. Positioning Voltage
Theory of Operation
The NCP4206 is a 6 phase VR11 controller; it combines
a multi−mode, fixed frequency PWM control with
multi−phase logic outputs for use in multi−phase
synchronous buck CPU core supply power converters. In
addition, the NCP4206 incorporates a serial interface to
allow the programming of key system performance
specifications and read back CPU data such as voltage,
current and power. Multiphase operation is important for
producing the high currents and low voltages demanded by
today’s microprocessors. Handling the high currents in a
single−phase converter would place high thermal demands
on the components in the system such as the inductors and
MOSFETs.
Start− Up Sequence
The NCP4206 follows the VR11 start−up sequence shown
in Figure 7. After both the EN and UVLO conditions are
met, a programmable internal timer goes through one cycle
TD1. This delay cycle is programmed using Delay
Command, default delay = 2 ms). The first eight clock
cycles of TD2 are blanked from the PWM outputs and used
for phase detection as explained in the following section.
Then the programmable internal soft−start ramp is enabled
(TD2) and the output comes up to the boot voltage of 1.1 V.
The boot hold time is also set by the Delay Command. This
second delay cycle is called TD3. During TD3 the processor
VID pins settle to the required VID code. When TD3 is over,
the NCP4206 reads the VID inputs and soft starts either up
or down to the final VID voltage (TD4). After TD4 has been
completed and the PWRGD masking time (equal to VID on
the fly masking) is finished, a third cycle of the internal timer
sets the PWRGD blanking (TD5).
The internal delay and soft start times are programmable
using the serial interface and the Delay Command and Soft
Start Command.
Figure 7. System Startup Sequence for VR11
TD1
5.0 V
SUPPLY
VTT I/O
(NCP4206 EN)
VCC_CORE
VR READY
(NCP4206 PWRGD)
CPU
VID INPUTS
VBOOT
V VID
UVLO
THRESHOLD
0.85 V
TD5
(1.1 V)
VID INVALID
TD4
TD2
TD3
VID VALID
50 ms
Soft Start
The Soft Start slope for the output voltage is set by an
internal timer. The default value is 0.5 V/msec, which can be
programmed through the SMBus interface. After TD1 and
the phase detection cycle have been completed, the SS time
(TD2 in Figure 5) starts. The SS circuit uses the internal VID
DAC to increase the output voltage in 6.25 mV steps up to
the 1.1 V boot voltage.
Once the SS circuit has reached the boot voltage, the boot
voltage delay time (TD3) is started. The end of the boot
voltage delay time signals the beginning of the second soft
start time (TD4). The SS voltage changes from the boot


Similar Part No. - NCP4206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4200MNR2G ONSEMI-NCP4200MNR2G Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4201 ONSEMI-NCP4201 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
More results

Similar Description - NCP4206

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
logo
International Rectifier
CHL8316 IRF-CHL8316 Datasheet
294Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 6-phase operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com