Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N2302DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N2302DG
Description  Frequency Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N2302DG Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N2302DG Datasheet HTML 1Page - ON Semiconductor NB3N2302DG Datasheet HTML 2Page - ON Semiconductor NB3N2302DG Datasheet HTML 3Page - ON Semiconductor NB3N2302DG Datasheet HTML 4Page - ON Semiconductor NB3N2302DG Datasheet HTML 5Page - ON Semiconductor NB3N2302DG Datasheet HTML 6Page - ON Semiconductor NB3N2302DG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NB3N2302
http://onsemi.com
2
FS1
OUT1
VDD
OUT2
FBIN
REF_IN
GND
FS0
1
2
3
45
6
7
8
Figure 2. NB3N2302 Package Pinout (Top View) 8−pin SOIC (150 mil)
Table 1. CLOCK MULTIPLIER SELECT TABLE
FBIN
FS0
FS1
OUT1
OUT2
REF_IN Min
(MHz)
REF_IN Max
(MHz)
OUT1
0
0
2 x REF
REF
5
66.5
OUT1
1
0
4 x REF
2 x REF
5
33.25
OUT1
0
1
REF
REF / 2
10
133
OUT1
1
1
8 x REF
4 x REF
5
16.625
OUT2
0
0
4 x REF
2 x REF
5
33.25
OUT2
1
0
8 x REF
4 x REF
5
16.625
OUT2
0
1
2 x REF
REF
5
66.5
OUT2
1
1
16 x REF
8 x REF
5
8.3125
Table 2. PIN DESCRIPTION
Pin #
Pin
Name
Type
Description
1
FBIN
LVCMOS/LVTTL
Input
Feedback Input: This input must be fed by one of the outputs (OUT1 or OUT2) to ensure
proper functionality. If the trace between FBIN and the output pin being used for feedback
is equal in length to the traces between the outputs and the signal destinations, then the
signals received at the destinations are synchronized to the REF signal input (REF_IN).
2
REF_IN
LVCMOS/LVTTL
Input
Reference Input: The output signals are synchronized to this signal.
3
GND
Power
Negative supply voltage; Connect to ground, 0 V
4
FS0
LVCMOS/LVTTL
Input
Function Select Input: Tie to VDD (HIGH, 1) or GND (LOW, 0) as desired per Table 1.
5
FS1
LVCMOS/LVTTL
Input
Function Select Input: Tie to VDD (HIGH, 1) or GND (LOW, 0) as desired per Table 1.
6
OUT1
LVCMOS/LVTTL
Output
Output 1: The frequency of the signal provided by this pin is determined by the feedback
signal connected to FBIN, and the FS0:1 inputs (see Table 1).
7
VDD
Power
Positive supply voltage This pin should be bypassed with a 0.1 mF decoupling capacitor.
Use ferrite beads to help reduce noise for optimal jitter performance.
8
OUT2
LVCMOS/LVTTL
Output
Output 2: The frequency of the signal provided by this pin is one−half of the frequency of
OUT1. See Table 1.


Similar Part No. - NB3N2302DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N2304ND ONSEMI-NB3N2304ND Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304ND ONSEMI-NB3N2304ND Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
More results

Similar Description - NB3N2302DG

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
   Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
   Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
   Frequency Multiplier
RMK-3-1262++ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
   Frequency Multiplier
MK-2 MINI-MK-2 Datasheet
172Kb / 1P
   Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com