Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709203FXE-04MH Datasheet(PDF) 8 Page - ON Semiconductor

Part # LC709203FXE-04MH
Description  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FXE-04MH Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LC709203FXE-04MH Datasheet HTML 4Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 5Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 6Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 7Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 8Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 9Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 10Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 11Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LC709203F
www.onsemi.com
8
I
2C Communication Protocol
Communication protocol type : I
2C
Frequency : Supported up to 400kHz
IC address [Slave Address] : 0x16 (It becomes "0001011X" when you write a binary, because the slave address is 7 bits. [X]=Rd/Wr.)
Bus Protocols
S
:
Start Condition
Sr
:
Repeated Start Condition
Rd
:
Read (bit value of 1)
Wr
:
Write (bit value of 0)
A
:
ACK (bit value of 0)
N
:
NACK (bit value of 1)
P
:
Stop Condition
CRC-8
:
Slave Address to Last Data (CRC-8-ATM : ex.3778mV : 0x16, 0x09, 0x17, 0xC2, 0x0E  0x86)
:
Master-to-Slave
:
Slave-to-Master
:
Continuation of protocol
Read Word Protocol
S
Slave Address
Wr
A
Command Code
A
Sr
Slave Address
Rd
A
Data Byte Low
A
Data Byte High
A
CRC-8
N
P
* When you do not read CRC-8, there is not the reliability of data. CRC-8-ATM ex : (5 bytes) 0x16, 0x09, 0x17, 0xC2, 0x0E  0x86
Write Word Protocol
S
Slave Address
Wr
A
Command Code
A
Data Byte Low
A
Data Byte High
A
CRC-8
A
P
* When you do not add CRC-8, the Written data (Data byte Low/High) become invalid.
CRC-8-ATM ex : (4 bytes) 0x16, 0x09, 0x55, 0xAA  0x3B


Similar Part No. - LC709203FXE-04MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203FXE-04MH ONSEMI-LC709203FXE-04MH Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

Similar Description - LC709203FXE-04MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com