Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG160160-B Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG160160-B
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PG160160-B Datasheet(HTML) 1 Page - Powertip Technology

  PG160160-B Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
PG 160160-B
PG 160160-B
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
89.2 x 85.0
62.79 x 62.79
0.34 x 0.34
0.37 x 0.37
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
9.4 / 13.5
/
Vdd+0.3
V
V
V
30.0
7.0
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
0
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
Vdd=5V
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
V
V
V
V
V
mA
mA
mA
3
N W
18.3
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vss
Vdd
Vo
DISPOFF
Power supply (GND)
Power supply (+)
Contrast Adjust
Data bus line
15
500
M
Alternation control signal
FLM
Shift direction select
Vee
Negative voltage Input
CL1
Display data input clock
CL2
Display data input clock
A
Power supply for LED B/L ( )
K
DB3
Data bus line
Power supply voltage
Vdd-Vss
25oC
V
5
4.5
5.5
DB2
Data bus line
DB1
Data bus line
DB0
Data bus line
Power supply for LED B/L (+)
/
DB0~DB3,
Vdd
Vo
A
K
DISPOFF,
CL1,CL2,M
Vss
Vee
FLM
COM. DRIVER
COM 160
BACKLIGHT
SEG. DRIVER
LCD PANEL
COM 160
0.34
0.37
H2
1.6
H1
2.5
PAD4- 3.6
HOLE4- 2.5
4.6
1.0
A
K
15
14
P2.54 x 14=35.56
72.44
62.79
59.17
160 x 160 Dots
44.6
7.065
6.14
1.81
PCB IC SIDE NO COMPONENTS AREA
89.2 0.5
84.2
30.63
1


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PE1602-001OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG12864-QOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-H-P2OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn