Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11668MC Datasheet(PDF) 6 Page - ON Semiconductor

Part # LB11668MC
Description  Two-Phase Half-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11668MC Datasheet(HTML) 6 Page - ON Semiconductor

  LB11668MC Datasheet HTML 1Page - ON Semiconductor LB11668MC Datasheet HTML 2Page - ON Semiconductor LB11668MC Datasheet HTML 3Page - ON Semiconductor LB11668MC Datasheet HTML 4Page - ON Semiconductor LB11668MC Datasheet HTML 5Page - ON Semiconductor LB11668MC Datasheet HTML 6Page - ON Semiconductor LB11668MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB11668MC
No.A2142-6/7
VHN
VCC=24V
R1=1k
Ω
10k
Ω
10
9
8
7
6
VIN
CT
NC
OUT2
GND
RD
IN+
NC
IN-
OUT1
1
2
3
4
5
1V
VM
V
VRD
VCC=24V
R1=1k
Ω
IRD=5mA
10
9
8
7
6
VIN
CT
NC
OUT2
GND
RD
IN+
NC
IN-
OUT1
1
2
3
4
5
V
VRL
VCC=24V
VCT=6V
VRD=14V
R1=1k
Ω
10
9
8
7
6
VIN
CT
NC
OUT2
GND
RD
IN+
NC
IN-
OUT1
1
2
3
4
5
A


Similar Part No. - LB11668MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
More results

Similar Description - LB11668MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11669MC ONSEMI-LB11669MC Datasheet
193Kb / 4P
   Two-Phase Half-Wave Driver
May, 2013
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
[Old version datasheet]   TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
   2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
LB11966M SANYO-LB11966M Datasheet
71Kb / 4P
   2-phase Half-Wave Driver
LB11669M SANYO-LB11669M Datasheet
117Kb / 4P
   Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com