Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG160128-A Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG160128-A
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PG160128-A Datasheet(HTML) 1 Page - Powertip Technology

  PG160128-A Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
PG 160128-A
PG 160128-A
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
129.0 x 104.5
101.0 x 82.0
0.56 x 0.56
0.60 x 0.60
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
7.0 / 14.0
7.0 / 14.0
/
Vdd+0.3
V
V
V
28.0
7.0
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
9.9
11
10.3
Vdd=5V
9.6
9.6
9.8
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
12.2
11.5
10.8
10.9
10.8
10.6
V
V
V
V
V
mA
mA
mA
3
N W
10.4
11.6
10.9
10.2
10.4
10.3
500
Power supply voltage Vdd-Vss
25oC
V
4.5
5.5
6
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11-18
19
20
Vss
Vdd
VL(Vo)
C/D
CE
RST
DB0-DB7
NC
NC
Power supply(GND)
Power supply(+)
Contrast Adjust
Command / data select
Font selection
Chip enable
Reset
Data bus line
No connection
No connection
FS
Frame ground
FGND
Data read
RD
Data write
WR
DB0-DB7
WR
RST
Vss
Vdd
RD
VL(Vo)
CE
FG
C / D
A
K
FS
LCD
CONTROLLER
T6963C
3
27
4
Common
Driver
8K SRAM
64
64
64
4
Y1~Y64
Y1~Y64
X1
80
80
X1
LCD PANEL
(160 x 128 Dots)
X160
X160
80
Segment Driver
BACKLIGHT
80
Segment Driver
0.56
0.04
129.0 0.5
122.0
2.54
20- 1.0
PAD20- 1.8
3.0
19
20
1
2
A
K
K
A
4- 1.0
2.5
160 x 128 Dots
95.96
101.0(V/A)
116.5
64.5
4.0
10.0
14.0MAX
H1
1.6
3.5
H2


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PC1601L OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PC2002-B OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PE1602-001 OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PG12864-Q OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PG320240-G OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PC1602-H OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PC2002-L OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PG160160-B OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PG320240-H-P2 OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology
PC1602-J OUTLINE DIMENSION & BLOCK DIAGRAM 1  Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn