Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG12864-Q Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG12864-Q
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo 

PG12864-Q Datasheet(HTML) 1 Page - Powertip Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
90.5 x 52.0
67.0 x 40.0
0.42 x 0.5
0.46 x 0.55
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
/ 7.5
Vdd+0.3
V
V
V
18.0
7.0
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=3.5V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
NW
9.9
Vdd=5V
7.8
8.4
ELECTRICAL CHARACTERISTICS
Typical
NW
Max. Units
V
10.4
9.4
8.3
V
V
V
V
V
mA
mA
mA
NW
10.2
8.0
9.0
1.0
20
/
/ 7.5
PG 12864-Q
PG 12864-Q
Power supply voltage Vdd-Vss
25oC
V
1.8
5.5
2.5
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7-14
15
16
17
18
19
20
Vss
Vdd
Vo
A0
P/S
RST
DB0-DB7
C86
A
K
Power supply(GND)
Power supply(+)
Contrast Adjust
Command / data input
Chip select
Parallel/serial interface select
Reset
Data bus line
8080 / 6800 select
Power supply for LED B/L (+)
CS1
Enable signal
E
R/W
Power supply for LED B/L ( )
Data read / write signal(/RW)
90.5 0.5
38.0
74.0
67.0(V/A)
58.84(A/A)
K
A
128 x 64 Dots
1.0
4.5
4.08
H1
3.9
1.8
0.6(PCB)
(Components
Height)
2.5MAX
B
1.5
Conductor Side
0.3 0.1
20
1
19.0
(P1.0 x 19)
21.0
4- 1.5
1
20
Components Area
43
1
50.0
90.5 0.5
1.5
HOLE2- 1.0
K
A
0.42
0.04
1.7
2.0
( 1.5)1.2
2.0
0.75
DB7~DB0
Vss
Vdd
Vo
Ao
R/W
E
CS1
P/S
RST
C86
A
K
LCD
CONTROLLER
LSI
COM 64
SEG 128
BACKLIGHT
LCD PANEL


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PE1602-001OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160160-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-H-P2OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn