Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP400-702US Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP400-702US
Description  industrial level of switching power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP400-702US Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP400-702US_15 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
FSP400-702US is an industrial level of switching power
supply. The power supply comes to offer the total power
capacity up to 400 Watts, and uses unique active PFC
(Power Factor C orrection) circuit design with its high-load
electrical components, makes it to be perfectly used in an
industrial environment. In addition, with its full range of
input and output electrical features, the power supply is
ideally the best choice for server, workstation,
communication or any other automation applications to
use. The product also complies with the latest safety and
EMC standards, which is perfectly to meet various
regulations worldwide.
APPLICATION
For standard, advanced server and storage power system.
FEATURES
80 Plus Gold
Low Ripple & Noise
Output over voltage protection
Short circuit protection on all outputs
Resettable power shut down
Dual +12V output (+12V/1,+12V/2)
-5V is included
100% burn-in under high ambient temperature(50)
Vacuum-impregnated transformer
MTBF:100K hours at 25
100% Hi-pot tested
Line input fuse protection
W ATTAGE
Wattage:
400W
DIMENSION
Dimension:
200mm(L) x 100mm(W) x
70mm(H)
PRODUCT HIGHLIGHT
Efficiency Lev el:
80 Plus Gold
Altitude:
5000M
INPUT SPECIFICATION
Input Range:
90-264 Vac
Input F requency :
47-63 Hz
Input Current:
115V@ 6.3 Amps-rms maximum
230V@ 3.0 Amps-rms maximum
GENERAL SPECIFICATION
Effciency :
92% 230VAC
Voltage
Regulation:
+3.3V, +12V, +5V, +5SB: ±5%
-12V, -5V: ±10%
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Hold up Time:
115V/60Hz 16mSec.
Minimum@100% Load,
230V/50Hz 16mSec.
Minimum,@100% Load
Ouput Voltage
Regulation:
+3.3Vdc output : +3.5 Vdc
minimum, + 4.8Vdc
maximum
+5Vdc output : +5.5 Vdc
minimum, + 7Vdc maximum
+12Vdc output : +13.4 Vdc
minimum, + 16Vdc
maximum
Output Rise Time:
115V-rms/230V-rms 5V
20ms Maximum
115V-rms/230V-rms 12V
20ms Maximum
Ripple & Noise:
3.3V:50mV p-p
5V:50mV p-p
12V1:120mV p-p
12V2:120mV p-p
-12V:120mV p-p
5Vsb:50mV p-p
-5V:100mV p-p
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Storage Temperature: -
20°C to + 80
MTBF :
The power supply have a
minimum predicted
MTBF(MIL-HDBK-217) of
100,000 hours of continuous
operation at 25,
maximum-output load, and
nominal AC inout voltage
*Output Voltage and C urrent Rating
+3.3V
+5V
+12V1
+12V2
-12V
-5V
+5Vsb
Ripple-Noise(R-P) mV
50mV
50mV
120mV
120mV
120mV
100mV
50mV
Regulation Load %
±5%
±5%
±5%
±5%
±10%
±10%
±5%
Output Max.(A)
16A
16A
18A
18A
0.5A
0.2A
3A
Output Min.(A)
0.3A
0.3A
0.5A
0.5A
0A
0A
0A
NOTES
5V, 3.3V, 12V, -12V Will have the regulation to 10% when all load take off.
The +3.3V and +5V total output shall not exceed 120 watts.
The total output shall not exceed 400 watts
-5V is optional
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
IPC PSU
FSP400-702US


Similar Part No. - FSP400-702US_15

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP400-702US SPI-FSP400-702US Datasheet
40Kb / 1P
   400 Watts ATX 12V, 2U Switching Power Supply
More results

Similar Description - FSP400-702US_15

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP300-20FGGBC FSP-FSP300-20FGGBC_15 Datasheet
81Kb / 1P
   industrial level of switching power
FSP300-60PFK FSP-FSP300-60PFK_15 Datasheet
139Kb / 1P
   industrial level of switching power
FSP300-701UJ FSP-FSP300-701UJ_15 Datasheet
140Kb / 1P
   industrial level of switching power
FSP400-702UJ FSP-FSP400-702UJ_15 Datasheet
158Kb / 1P
   industrial level of switching power
FSP350-50MRA FSP-FSP350-50MRA_15 Datasheet
89Kb / 1P
   industrial level of switching power
FSP350-60EVF FSP-FSP350-60EVF_15 Datasheet
128Kb / 1P
   industrial level of switching power
FSP400-602UC FSP-FSP400-602UC_15 Datasheet
161Kb / 1P
   industrial level of switching power
FSP460-60PFB FSP-FSP460-60PFB_15 Datasheet
144Kb / 1P
   industrial level of switching power
FSP500-70AAPB FSP-FSP500-70AAPB_15 Datasheet
80Kb / 1P
   industrial level of switching power
FSP700-80PSA FSP-FSP700-80PSA_15 Datasheet
148Kb / 1P
   industrial level of switching power
FSP500-60PFG FSP-FSP500-60PFG_15 Datasheet
140Kb / 1P
   industrial level of switching power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com