Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-43-48H-HP-XDE Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPS-43-48H-HP-XDE
Description  1490nm/1310nm Single Fiber OLT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-HP-XDE Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPS-43-48H-HP-XDE Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-HP-XDE Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPS-43-48H-HP-xDE
1490nm/1310nm Single Fiber OLT
DS-6264 Rev 02 2012-06-04
Parameter
Minimum
Typical
Maximum
Unit
Notes
Receiver Burst Mode Dynamic Range
15
20
-
dB
Input power difference between two
subsequent high and low burst data
Receiver CID Tolerance
72
bits
Damage Threshold for Receiver
+3
-
-
dBm
Maximum Reflectance of Receiver
-
-
-20
dB
Table 6 – Receiver Specifications (Electrical)
Parameter
Minimum
Typical
Maximum
Unit
Notes
PECL Single Ended Data Output Swing
(LVPECL)
250
-
800
mV
Data Output Rise Time
-
250
-
ps
20% to 80%
Data Output Fall Time
-
250
-
ps
20% to 80%
Signal Detect Output HIGH
2.4
-
Vcc
V
Signal Detect Output LOW
a
0
-
0.4
V
Signal Detect Response Time
-
-
6.4
ns
a)
Signal Detect assert low when module receive “reset” signal, assert high when incoming burst is detected and latch to high state until next “Reset”
signal.
Table 7 – Digital RSSI Timing Specification
Parameter
Minimum
Typical
Maximum
Unit
Notes
RSSI Trigger Delay
a
25
-
-
ns
RSSI Sampling Time
a
300
-
-
ns
Internal I
2C Delaya
-
-
500
us
Receiver Power DDM (RSSI) Error
b
-
-
+/- 3
dB
a)
RSSI_ACQ input signal rising edge will trigger RSSI sampling, and falling edge will trigger internal digital RSSI information written to I2C.
It is recommended that host shall not trigger RSSI_ACQ input again until RSSI data is valid in I2C from previous RSSI trigger.
b)
RSSI DDM working range is between -10 to -30 dBm. RSSI DDM accuracy is better than +/- 3dB for input power levels between -12 to -30
dBm, the accuracy reduces to +/- 5 dB for -10 to -12dBm.


Similar Part No. - SPS-43-48H-HP-XDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
SPS-43-48H-HP-CDE-SD SOURCE-SPS-43-48H-HP-CDE-SD Datasheet
297Kb / 13P
   Small Form Factor Pluggable, Simple SC Connector
SPS-43-48H-HP-RDE SOURCE-SPS-43-48H-HP-RDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
SPS-43-48H-HP-TDE SOURCE-SPS-43-48H-HP-TDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
More results

Similar Description - SPS-43-48H-HP-XDE

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
SFU-43-48H-HP-CDE SOURCE-SFU-43-48H-HP-CDE Datasheet
620Kb / 10P
   1490nm/1310nm Single Fiber SFFB Transceiver
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
List of Unclassifed Man...
C-13-FXX-PX ETC2-C-13-FXX-PX Datasheet
724Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
C-13-14-F06-BD-SSCL SOURCE-C-13-14-F06-BD-SSCL Datasheet
545Kb / 4P
   1310nm Emitting , 1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SSCL SOURCE-C-14-13-D06-BD-SSCL Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
OKI electronic componet...
OL3492N OKI-OL3492N Datasheet
43Kb / 2P
   1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
   1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
OPLINK Communications I...
S0186-TRPV3GET1C000E2G OPLINK-S0186-TRPV3GET1C000E2G Datasheet
551Kb / 5P
   1310nm Single Channel Optical Transmitter
logo
Source Photonics, Inc.
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com