Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPL-OR-8F-EBX-IDFF Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPPL-OR-8F-EBX-IDFF
Description  Support CPRI 3-6 application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPL-OR-8F-EBX-IDFF Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPPL-OR-8F-EBX-IDFF Datasheet HTML 1Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 2Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 3Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 4Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 5Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 6Page - Source Photonics, Inc. SPPL-OR-8F-EBX-IDFF Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Preliminary Datasheet Preliminary Datasheet
DS-7750
Rev 00 2014-06-05
Preliminary Datasheet
SPPL-OR-8F-EBX-IDFF
Warnings
Handling Precautions:
This device is susceptible to damage as a result of electrostatic discharge (ESD).
A static free environment is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety:
Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to
direct or indirect radiation.
Legal Notice
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Source Photonics’s sole
and absolute discretion. Source Photonics warrants performance of its products to current specifications
only in accordance with the company’s standard one-year warranty; however, specifications designated as
“preliminary” are given to describe components only, and Source Photonics expressly disclaims any and all
warranties for said products, including express, implied, and statutory warranties, warranties of
merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to
the company’s Terms and Conditions of Sale for further warranty information.
Source Photonics assumes no liability for applications assistance, customer product design, software
performance, or infringement of patents, services, or intellectual property described herein. No license,
either express or implied, is granted under any patent right, copyright, or intellectual property right, and
Source Photonics makes no representations or warranties that the product(s) described herein are free
from patent, copyright, or intellectual property rights. Products described in this document are NOT
intended for use in implantation or other life support applications where malfunction may result in injury or
death to persons. Source Photonics customers using or selling products for use in such applications do so
at their own risk and agree to fully defend and indemnify Source Photonics for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer
agrees that Source Photonics is not liable for any actual, consequential, exemplary, or other damages
arising directly or indirectly from any use of the information contained in this document. Customer must
contact Source Photonics to obtain the latest version of this publication to verify, before placing any order,
that the information contained herein is current.
Contact
U.S.A. Headquarters
20550 Nordhoff Street
Chatsworth, CA 91311
USA
Tel: +1-818-773-9044
Fax: +1-818-773-0261
China
Building #2&5, West Export Processing Zone
No. 8 Kexin Road, Hi-Tech Zone
Chengdu, 611731, China
Tel: +86-28-8795-8788
Fax: +86-28-8795-8789
Taiwan
9F, No 81, Shui Lee Rd.
Hsinchu, Taiwan, R.O.C.
Tel: +886-3-5169222
Fax: +886-3-5169213
© Copyright Source Photonics, Inc. 2007~2013
All rights reserved


Similar Part No. - SPPL-OR-8F-EBX-IDFF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPPL-OR-8F-BX-IDFF SOURCE-SPPL-OR-8F-BX-IDFF Datasheet
175Kb / 7P
   Support 6.25G CPRI application
More results

Similar Description - SPPL-OR-8F-EBX-IDFF

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPPL-RO-8F-BX-IDFF SOURCE-SPPL-RO-8F-BX-IDFF Datasheet
174Kb / 7P
   Support 6.25G CPRI application
SPPL-OR-8F-BX-IDFF SOURCE-SPPL-OR-8F-BX-IDFF Datasheet
175Kb / 7P
   Support 6.25G CPRI application
SPP-8F-LR-IDFP SOURCE-SPP-8F-LR-IDFP Datasheet
239Kb / 7P
   Support CPRI application update to 6.144G
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPPL-OR-XE-BX-IDFF SOURCE-SPPL-OR-XE-BX-IDFF Datasheet
345Kb / 7P
   Support 10G Ethernet, CPRI and Fiber Channel application
SPPL-RO-XE-BX-IDFF SOURCE-SPPL-RO-XE-BX-IDFF Datasheet
326Kb / 7P
   Support 10G Ethernet, CPRI and Fiber Channel application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
   Support 10GBASE-LR/LW and CPRI wireless application
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
   Support 614.4 - 2457.6Mbps CPRI multi rate
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
   Support 40GBASE-LR4 application
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com