Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PG12232-A Datasheet(PDF) 1 Page - Powertip Technology

Part No. PG12232-A
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PG12232-A Datasheet(HTML) 1 Page - Powertip Technology

  PG12232-A Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
PG 12232-A
PG 12232-A
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
84.0 x 44.0
60.5 x 18.5
0.40 x 0.45
0.44 x 0.49
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
4.9 / 9.0
4.9 / 9.0
Vdd+0.3
V
V
V
16.5
8.0
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
40oC
70oC
VB/L=4.2V
N
W
8.6
6.1
5.6
Vdd=5V
5.1
7.2
7.7
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
6.7
6.2
5.7
9.6
8.5
8
V
V
V
V
V
mA
mA
mA
N W
9.1
6.4
5.9
5.4
7.6
8.1
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10-17
18
19
20
Vss
Vdd
Vo
A0
CL
E
DB0-DB7
RES
A
K
Power supply(GND)
Power supply(+)
Contrast Adjust
Command / data input
Chip select driver 1
External clock input
Enable singnal
Data read / write
Data bus line
Reset
Power supply for LED B/L (+)
1.0
8.9 / 13.0
120
CS1
Chip select driver 2
CS2
R/W
Power supply for LED B/L ( )
Power supply voltage
Vdd-Vss
25
oC
V
2.7
5.5
2.5
DB0~DB7
CS1
R/W
Ao
Vss
CL
A
K
LCD
DRIVER 1
LCD PANEL
COM 16
0.4
0.04
BACKLIGHT
SEG 61
RSE
E
LCD
DRIVER 2
COM 16
Vdd
Vee
CS2
SEG 61
H1
H2
1.6
4- 1.0
2.0
20
A
K
84.0 0.5
76.0
P2.54 x 19=48.26
20- 1.0
1.8
10.2
4.0
2- 2.5
122 x 32 Dots
53.64
60.5
65.7
79.0
42.0
9.15
2-R1.25
1


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PE1602-001OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160160-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-H-P2OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn