Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBN7C-24T Datasheet(PDF) 1 Page - Powerbox

Part # PBN7C-24T
Description  7 4 - 2 9 4 WAT T S T H R E E S T E P C H A R G E R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBN7C-24T Datasheet(HTML) 1 Page - Powerbox

  PBN7C-24T Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PBN7C Series
7 4 - 2 9 4 W A T T S T H R E E S T E P C H A R G E R
FEATURE
S
3-step charge control with timer
Charge current not affected by fluctuations in
mains voltage
Medical approved – EN 60601 (74W & 147W model)
Protected against reversed polarity and short
circuit proof
LED-indicator with three different colours
Waterproof (IP67) version available (147W & 294W
model)
CE-marked, C-Tick
INPUT
Input voltage
190-264Vac (74W & 147W model).
198-264Vac (294W model).
Input frequency
47-63 Hz
OUTPUT
Output voltage
14.7V cycle, -13.7V standby
29.4V cycle – 27.4V standby
Charge current
See table
Ripple
<100mV p-p
Current limit
Yes
OPERATING
Efficiency
Greater then 83%
Switch frequency
63kHz
Leakage current with mains
Disconnected
<2.5mA (12V battery voltage)
Insulation class
1
Insulation voltage
Primary – ground
Primary –
secondary
Secondary –
ground
1250Vac (74W & 147W
model).
1500Vac (147W-294W model)
3750Vac (74W model)
4000Vac (294W model)
500VAC (74W-294W)
Indication
Orange – Boost, constant current.
Red - Boost, constant current (294W model).
Yellow – Timer, constant voltage.
Green – Float, constant voltage.
Timer
2h 30min (74W & 147W model).
4h 30min (294W model).
MODEL
NUMBER
TIMER MODE
STANDBY
MODE
CHARGE
CURRENT
MAX POWER
(VDC)
(VDC)
(A)
(W)
PBN7C-12L
14.7
13.7
5
74
PBN7C-12R
14.7
13.7
10
147
PBN7C-12T
14.7
13.7
20
294
PBN7C-24L
29.4
27.4
2.5
74
PBN7C-24R
29.4
27.4
5
147
PBN7C-24T
29.4
27.4
10
294
PBN7C-36R
44.1
40.8
3.3
147
PBN7C-36T
44.1
40.8
6.7
294
PBN7C-48R
58.8
54.8
2.5
147
PBN7C-48T
58.8
54.8
5
294
ENVIRONMENTAL
Temperature range
-25°C - +40°C
STANDARDS AND APPROVALS
Electrical safety
Standard
EN60335-2-29
EN 60601-1 (74W & 147W model).
EMC standards
Medical
Emission
Immunity
EN 60601-1-2 (74W & 147W model).
EN 61000-6-3
EN 61000-6-1
C-Tick
AS/NZS2064 CISPR11: Group 1, Class A
MECHANICAL
IP grade
IP 20 (PCB/components Protected with coating)
Dimensions (LxWxH) PBN7C-L: 158 x 171 x 54mm
PBN7C-R: 184 x 171 x 54mm
PBN7C-T: 215 x 186 x 63.5mm
Weight
PBN7C-L: 1.27kg
PBN7C-R: 1.5kg.
PBN7C-T: 2.32kg
SELECTION TABLE
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
299
SPECIFICATIONS


Similar Part No. - PBN7C-24T

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBN7C-24T POWERBOX-PBN7C-24T Datasheet
979Kb / 1P
   74-294 WATTS THERR STEP CHARGER
More results

Similar Description - PBN7C-24T

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBN11C POWERBOX-PBN11C Datasheet
296Kb / 2P
   2 7 4 WAT T S - T H R E E S T E P C H A R G E R
PBN6C POWERBOX-PBN6C Datasheet
247Kb / 1P
   3 5 - 4 0 WAT T S T H R E E S T E P C H A R G E R
PBN14C POWERBOX-PBN14C Datasheet
112Kb / 1P
   6 0 WAT T T H R E E S T E P C H A R G E R
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
PB314 POWERBOX-PB314 Datasheet
1Mb / 3P
   6 3 6 - 7 4 5 WAT T S B AT T E R Y C H A R G E R S Y S T E M
PB251A-RM POWERBOX-PB251A-RM Datasheet
445Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB251A-CM POWERBOX-PB251A-CM Datasheet
263Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
PB314A POWERBOX-PB314A Datasheet
269Kb / 2P
   B AT T E R Y C H A R G E R S Y S T E M
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com