Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE1602-001 Datasheet(PDF) 1 Page - Powertip Technology

Part No. PE1602-001
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERTIP [Powertip Technology]
Homepage  http://www.powertip.com.tw
Logo 

PE1602-001 Datasheet(HTML) 1 Page - Powertip Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PE1602-001
…….
OUTLINE DIMENSION & BLOCK DIAGRAM
REMARK
LCD option: TN, STN, FSTN
Backlight Option: under request.
MECHNICAL SPECIFICATION
Overall Size
68.0 x 30.0 mm
Module
H2 / H1
View Area
63.0 x 18.0 mm
W/O B/L
- / 2.7
Character Size
2.96 x 5.56 mm
EL B/L
- / -
Character Pitch
3.55 x 5.94 mm
LED B/L
- / -
PIN ASSIGNMENT
Pin No.
Symbol
Function
1
VSS
Ground
2
VO
Contrast Adjustment
3
VDD
VCC
4
RS
Register select signal
5
R/W
Read/write selection
6
E
Enable signal
7
DB0
Data bus
8
DB1
Data bus
9
DB2
Data bus
10
DB3
Data bus
11
DB4
Data bus
12
DB5
Data bus
13
DB6
Data bus
14
DB7
Data bus
ABSOLUTE MAXIMUM RATING
Item
Symbol
Condition
Min.
Max. Units
Supply for logic voltage
VDD-VSS
25°C
-0.3
7.0
V
LCD driving supply voltage
VDD-VEE
25°C
3.0
VDD
V
Input Voltage
VIN
25°C
-0.3
+0.3
V
ELECTRICAL CHARACTERISTICS
Item
Symbol Condition
Min.
Typical
Max. Units
Power supply voltage
VDD-VSS
25°C
4.75
5.0
5.25
V
TOP
N W N W N W
V
-20°C
-
-
-
-
-
-
V
0°C
-
-
-
-
-
-
V
25°C
-
4.3
-
4.5
-
4.7
V
50°C
-
-
-
-
-
-
V
LCD operation voltage
VOP
70°C
-
-
-
-
-
-
V
IDD
VDD=5V
-
0.5
1.5
mA
LCM current consumption (No B/L)
-
-
-
-
-
mA
Backlight current consumption
-
-
-
-
--
mA


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC1601LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160128-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-GOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-HOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC2002-LOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG12232-AOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG160160-BOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PG320240-H-P2OUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology
PC1602-JOUTLINE DIMENSION & BLOCK DIAGRAM 1 Powertip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn