Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBMPLS-24IA-RM Datasheet(PDF) 1 Page - Powerbox

Part # PBMPLS-24IA-RM
Description  D C / A C S I N EWA V E I N V E R T E R
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBMPLS-24IA-RM Datasheet(HTML) 1 Page - Powerbox

  PBMPLS-24IA-RM Datasheet HTML 1Page - Powerbox PBMPLS-24IA-RM Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PBMPLS-RM Series
D C / A C S I N E W A V E I N V E R T E R
FEATURES
• 500W - 7000W
• True Sinewave Output
• Massive Overload Capability
• High Efficiency Toroidal TRX
• CCT Breaker/ Batt Isolator Switch
• Rack Mounting
SPECIFICATIONS
Doc. No. PBMPLS-RM Rev.D 20-01-16
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
INPUT
Input Voltage
12V, 24V, 48V, 96V, 120Vdc (Standard).
36V, 72Vdc, and others (Also available).
Voltage range
-20% to +45% of nominal.
OUTPUT
Output Voltage
240Vac ±4% (Standard)
> 110Vac ±4% (Option)
Output Frequency
50/60Hz ±0.1
Output waveform
True sinewave < 4% THD.
Power factor
All conditions.
Crest factor
>4
Overload Capacity
300% 5 Seconds (all models)
120% 30 minutes (110% 12V models)
Load start sensitivity
0-20W
Efficiency
94% Typical
PROTECTION
AC and DC isolation
3500V, via toroidal transformers
Over-load protection
Yes.
Over-temperature protection
Yes.
Short circuit protection
Yes.
Battery under and over
voltage protection
Yes.
Battery Isolator
The circuit breaker is designed for ease of
operation and safety. If the inverter shuts
down due to Overload, Undervolts or
Overvolts, it can be reset by turning the
Circuit Breaker OFF, waiting 10 seconds (or
until LED goes out), then turning it on again
ENVIRONMENTAL
Temperature range
-10°C to 50°C
Derate above 40°C by 10%
Cooling
Thermostatically controlled 2-speed fan.
STANDARDS & APPROVALS
Safety standards
AS3100, AS3000
C-tick
AS/NZS CISPR14, AS/NZS 1044
EMC standards
EN61000-6-1, EN61000-6-3, AS2279,
AS3000, AS3100 and EN55014
ALARMS & INDICATORS
Inverter Operation
When inverter is switched on all 3 LEDS light up for
one second for system check procedure
Power Indicator
Green LED. Flashes when in standby mode (no load
connected). When load applied LED illuminates
continuously
Undervolts/Overvolts
Red LED. In order to protect the battery the inverter
will shutdown after 5 seconds if the battery voltage
falls below its limit (Undervolts) LED remains
continous or exceeds the maximum (Overvolts) LED
will continue to flash.
Over temperature
Red LED, If the internal temperature exceeds safe
operating limits for more than 5 secnds, the inverter
will shut down in Over temp with this LED on
continuously. Allow 5mins for the inverter to cool
and reset the unit.
Over load
Red LED, if the load demands more current than the
inverter can safely supply for more than 5 seconds,
the inverter will shutdown in Overload and this LED
will flash
OPTIONAL FEATURES
CODE
ADD OPTION TO THE END OF INVERTER PART
NUMBER
D
RCD fitted in place of hardware junction box of AC
output.
G
MIL spec conformal coating applied to final
assembly.
R
Ruggedisation for high vibration environment.
K
Automatic transfer switch 25Amp for 1000W to
1800W.
KX
Automatic transfer switch with ON delay timer and
voltage sensing module. 40Amps for 2000W to
4000W and 65Amp for 5000W to 7000W models.
V
AC output voltage e.g. 100-120Vac.
H
Frequency 60Hz
L
"AC OK" alarm relay contact
C
Twin switched GPO (available only on 1000W to
5000W models).
DC
Twin switched RCD GPO (available only on 1000W to
5000W models).
MECHANICAL
AC connectors
Screw terminal junction box.
DC Connectors
Heavy duty low loss battery leads.
Dimensions
19", 3RU x 350mm – all models
Weight
See Selection Table


Similar Part No. - PBMPLS-24IA-RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBMPLS-24IA-RM POWERBOX-PBMPLS-24IA-RM Datasheet
358Kb / 2P
   500-5000 WATTS DC/AC INVERTER
More results

Similar Description - PBMPLS-24IA-RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBMPLS POWERBOX-PBMPLS Datasheet
385Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
PHOENIX POWERBOX-PHOENIX Datasheet
951Kb / 2P
   D C / A C S I N EWA V E I N V E R T E R
logo
List of Unclassifed Man...
1-1102141-2 ETC2-1-1102141-2 Datasheet
10Mb / 236P
   T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Powerbox
PBDRD30 POWERBOX-PBDRD30 Datasheet
192Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
PBDRD15 POWERBOX-PBDRD15 Datasheet
232Kb / 2P
   D I N R A I L D C / D C C O N V E R T E R
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
logo
E-Tech Electronics LTD
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GEMBR2070-20150CT ETL-GEMBR2070-20150CT Datasheet
321Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com