Electronic Components Datasheet Search |
|
C0053K4R7QBWTR Datasheet(PDF) 4 Page - AVX Corporation |
|
C0053K4R7QBWTR Datasheet(HTML) 4 Page - AVX Corporation |
4 / 26 page 8 1 Accu-P ® Thin-Film Chip Capacitors for RF Signal and Power Applications L T B 1 W B 2 0402 Size C005 0201 0402 0603 0805 1210* 3 Voltage 2 = 200V 1 = 100V 5 = 50V 3 = 25V Y = 16V Z = 10V J Temperature Coefficient (1) J = 0±30ppm/°C (-55°C to +125°C) K = 0±60ppm/°C (-55°C to +125°C) 4R7 Capacitance Capacitance expressed in pF. (2 significant digits + number of zeros) for values <10pF, letter R denotes decimal point. Example: 68pF = 680 8.2pF = 8R2 A Tolerance for C≤2.0pF* Z = ±0.01pF P = ±0.02pF Q = ±0.03pF A = ±0.05pF B = ±0.1pF C = ±0.25pF for C≤3.0pF Q = ±0.03pF A = ±0.05pF B = ±0.1pF C = ±0.25pF for C≤5.6pF A = ±0.05pF B = ±0.1pF C = ±0.25pF for 5.6pF<C<10pF B = ±0.1pF C = ±0.25pF D = ±0.5pF for C≥10pF F = ±1% G = ±2% J = ±5% B Specification Code B = Accu-P® technology S Termination Code W = Nickel/Solder Coated Accu-P® 0402 Sn90, Pb10*** T = Nickel/High Temperature Solder Coated Accu-P® 0805**, 1210** Sn96, Ag4 Nickel/Solder Coated Accu-P® 0603*** Sn63, Pb37 **S = Nickel/Lead Free Solder Coated Accu-P® 01005, 0201, 0402, 0603 Sn100 TR Packaging Code TR = Tape & Reel (1) TC’s shown are per EIA/IEC Specifications. Operating and Storage Temperature Range -55°C to +125°C Temperature Coefficients (1) 0 ± 30ppm/°C dielectric code “J” / 0 ± 60ppm/°C dielectric code “K” Capacitance Measurement 1 MHz, 1 Vrms Insulation Resistance (IR) ≥1011 Ohms (≥10 10 Ohms for 0201 and 0402 size) Proof Voltage 2.5 UR for 5 secs. Aging Characteristic Zero Dielectric Absorption 0.01% ELECTRICAL SPECIFICATIONS HOW TO ORDER * Tolerances as tight as ±0.01pF are available. Please consult the factory. 01005* 0201* 0402* 0603* 0805* 1210 L 0.405±0.020 0.60±0.05 1.00±0.1 1.60±0.1 2.01±0.1 3.02±0.1 (0.016±0.001) (0.023±0.002) (0.039±0.004) (0.063±0.004) (0.079±0.004) (0.119±0.004) W 0.215 ± 0.020 0.325±0.050 0.55±0.07 0.81±0.1 1.27±0.1 2.5±0.1 (0.0085 ± 0.001) (0.0128±0.002) (0.022±0.003) (0.032±0.004) (0.050±0.004) (0.100±0.004) T 0.145 ± 0.020 0.225±0.050 0.40±0.1 0.63±0.1 0.93±0.2 0.93±0.2 (0.006 ± 0.001) (0.009±0.002) (0.016±0.004) (0.025±0.004) (0.036±0.008) (0.036±0.008) B1 0.00 0.10±0.10 0.00 0.35±0.15 0.30±0.1 0.43±0.1 (0.000 ) (0.004±0.004) (0.000 ) (0.014±0.006) (0.012±0.004) (0.017±0.004) B2 0.10 ± 0.03 0.15±0.05 0.20±0.1 0.35±0.15 0.30±0.1 0.43±0.1 (0.004 ± 0.001) (0.006±0.002) (0.008±0.004) (0.014±0.006) (0.012±0.004) (0.017±0.004) ACCU-P® (Signal and Power Type Capacitors) *Mount Black Side Up DIMENSIONS: millimeters (inches) +0.1 -0.0 +0.004 -0.000 +0.1 -0.0 +0.004 -0.000 Engineering Kits Available see pages 114-115 **RoHS compliant *** Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT For RoHS compliant products, please select correct termination style. |
Similar Part No. - C0053K4R7QBWTR |
|
Similar Description - C0053K4R7QBWTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |