Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBLDU-24C05RM Datasheet(PDF) 1 Page - Powerbox

Part # PBLDU-24C05RM
Description  7 0 - 2 8 0 WAT T S D C U P S L I N E A R
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBLDU-24C05RM Datasheet(HTML) 1 Page - Powerbox

  PBLDU-24C05RM Datasheet HTML 1Page - Powerbox PBLDU-24C05RM Datasheet HTML 2Page - Powerbox PBLDU-24C05RM Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
313
PBLDU Series
7 0 - 2 8 0 W A T T S D C U P S L I N E A R
FEATURES
Uninterrupted DC UPS
Separate load and battery outputs
Superior line & load regulation
Highly efficient linear design
Rack or chassis mount
C-tick approved
Battery charging management system
DC OK and Battery OK alarm
Low voltage disconnect
Internal battery back up option
INPUT
Input voltage
240VAC ±5% full output current. Other
voltages on request
Frequency
50Hz–60Hz
Input protection
Yes
Input fuse
Yes
OUTPUT
Output voltage
See table
Output currents
See table
Output ripple
0.5mV pk-pk max. (100Hz–120Hz)
Line regulation
±0.1% max.
Load regulation
±0.5% max.
Temperature coefficient
±50ppm per °C typical (±250ppm per °C
max.)
Transient response
<3%, 0.5mS (50% load change, recover to 2%
of V out)
Overvoltage protection
SCR crowbar, factory set at 120% Vout ±5%
Overcurrent protection
Foldback current limiting 115% +7% max.
ENVIRONMENTAL
Operating temperature
0°C to 50°C at full load
Derating
50°C to 70°C derate linearly to 40%
Cooling
Natural convection
OPERATING
Isolation
Primary to secondary: 3.5kV 1 min
Efficiency
60%–80% depending on output voltage
Batteries
12V, 6.5Ah sealed lead acid batteries are
optional within the pbldu-xxcxx-rm rack
mount enclosure.
Battery capacity
12V 26AH Maximum
24V 13AH Maximum
48V 6.5AH Maximum
High Temperature
Thermal shutdown. Auto electronic reset
VISUAL LED INDICATORS
DC OK Indicator
Yes
Battery Ok Indicator
Yes
Battery on line indicator
Yes
Battery status indicator
Charge: Green, Discharge: Red
Temperature shutdown
Optional
VOLT FREE ALARM CONTACTS
DC OK
Yes
Battery Ok
Yes
Battery on line
Yes
STANDARDS AND APPROVALS
Safety
AS3260. Austel approved
C-Tick/EMC standards
AS/NZS CSIPR11 Group 1 Class B
MECHANICAL
Dimensions
RM Rack Mount: 19”x2Ux416mm
RM-S Rack Mount Short 19”x2Ux234mm
WM Wall Mount: 371x322x123mm
CM Chassis Mount: 322x187x90mm
Connections
Rack Mount: IEC input
Wall & Chassis Mount: 7-way 9.5mm
barrier terminal block
Alarm contacts
Rack Mount: Barrier terminal block
Wall & Chassis Mount: 2.54mm PCB header
OPTION
Rack mount short
enclosure
Short enclosure supplied for lager external
batery capacity. Ad - S to rack mount models.
SPECIFICATIONS


Similar Part No. - PBLDU-24C05RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBLDU-24C05RM POWERBOX-PBLDU-24C05RM Datasheet
679Kb / 4P
   70 - 280 WATTS DC UPS LINEAR
More results

Similar Description - PBLDU-24C05RM

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
   4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
   7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBLN POWERBOX-PBLN Datasheet
260Kb / 2P
   60 - 2 4 0 WAT T S - A C / D C L I N E A R S I N G L E O U T P U T
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com