Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC236-TB-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # SVC236-TB-E
Description  Monolithic dual Varactor Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SVC236-TB-E Datasheet(HTML) 3 Page - ON Semiconductor

  SVC236-TB-E Datasheet HTML 1Page - ON Semiconductor SVC236-TB-E Datasheet HTML 2Page - ON Semiconductor SVC236-TB-E Datasheet HTML 3Page - ON Semiconductor SVC236-TB-E Datasheet HTML 4Page - ON Semiconductor SVC236-TB-E Datasheet HTML 5Page - ON Semiconductor SVC236-TB-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SVC236
No.6800-3/6
C -- Ta
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.94
0.96
--75
--50
--25
0
25
50
75
100
125
150
175
IT02800
5.0V
6.5V
V R
=1.0V
3.0V
Ambient Temperature, Ta --
°C
f=1MHz
VRF=20mVrms


Similar Part No. - SVC236-TB-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
   Varactor Diode for FM Receiver Electronic Tuning Use
SVC236 SANYO-SVC236 Datasheet
383Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Use
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
   Varactor Diode for FM Receiver Electronic Tuning Use
More results

Similar Description - SVC236-TB-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SVC230 ONSEMI-SVC230 Datasheet
248Kb / 6P
   Monolithic dual Varactor Diode
September, 2013
SVC270 ONSEMI-SVC270 Datasheet
332Kb / 6P
   Monolithic dual Varactor Diode
September, 2013
SVC276 ONSEMI-SVC276 Datasheet
330Kb / 6P
   Monolithic dual Varactor Diode
September, 2013
SVC272 ONSEMI-SVC272 Datasheet
308Kb / 6P
   Monolithic dual Varactor Diode
September, 2013
logo
Renesas Technology Corp
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
   VARACTOR DIODE
1988
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
   VARACTOR DIODE
logo
ON Semiconductor
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
   Varactor Diode
October 2014 - Rev. 2
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
   Varactor Diode
NTE617 NTE-NTE617 Datasheet
19Kb / 2P
   Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
   Varactor Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com