Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3030BDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP3030BDR2G
Description  Synchronous PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3030BDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP3030BDR2G Datasheet HTML 1Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 2Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 3Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 4Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 5Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 6Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 7Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 8Page - ON Semiconductor NCP3030BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NCP3030A, NCP3030B, NCV3030A, NCV3030B
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (−40°C < TJ < +125°C, VCC = 12 V, for min/max values unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Conditions
GATE DRIVERS AND BOOST CLAMP
HSDRV Pullup Resistance
VCC = 8 V, VBST = 7.5 V, VSW = GND
100 mA out of HSDR pin
5.0
11
20
W
HSDRV Pulldown Resistance
VCC = 8 V, VBST = 7.5 V, VSW = GND
100 mA into HSDR pin
2.0
5.0
11.5
W
LSDRV Pullup Resistance
VCC = 8 V, VBST = 7.5 V, VSW = GND
100 mA out of LSDR pin
3.0
8.9
16
W
LSDRV Pulldown Resistance
VCC = 8 V, VBST = 7.5 V, VSW = GND
100 mA into LSDR pin
1.0
3.0
6.0
W
HSDRV Falling to LSDRV Rising
Delay
VCC = 12 V, VSW = GND, VCOMP = 1.3 V
50
80
110
ns
LSDRV Falling to HSDRV Rising
Delay
VCC = 12 V, VSW = GND, VCOMP = 1.3 V
60
80
120
ns
Boost Clamp Voltage
VCC = 12 V, VSW = GND
5.5
7.5
9.6
V
THERMAL SHUTDOWN
Thermal Shutdown
(Notes 5 and 8)
165
°C
Hysteresis
(Notes 5 and 8)
20
°C
5. Guaranteed by design.
6. The voltage sensed across the high side MOSFET during conduction.
7. This assumes 100 pF capacitance to ground on the COMP Pin and a typical internal Ro of > 10 MW.
8. This is not a protection feature.


Similar Part No. - NCP3030BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303 ONSEMI-NCP303 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303 ONSEMI-NCP303 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP303150D ONSEMI-NCP303150D Datasheet
596Kb / 19P
   Integrated Driver and MOSFET with Integrated Current Monitor
October, 2019 - Rev. 2
NCP303150DMNTWG ONSEMI-NCP303150DMNTWG Datasheet
596Kb / 19P
   Integrated Driver and MOSFET with Integrated Current Monitor
October, 2019 - Rev. 2
NCP303151 ONSEMI-NCP303151 Datasheet
827Kb / 18P
   Integrated Driver and MOSFET with Integrated Current Monitor
August, 2018 ??Rev. 1
More results

Similar Description - NCP3030BDR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com