Electronic Components Datasheet Search |
|
NPF-60-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
NPF-60-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 5 page 60W Single Output Switching Power Supply NPF-60 series File Name:NPF-60-SPEC 2015-05-28 SPECIFICATION MODEL DC VOLTAGE CONSTANT CURRENT REGION RATED CURRENT RATED POWER OUTPUT LINE REGULATION LOAD REGULATION SETUP, RISE TIME Note.4 HOLD UP TIME (Typ.) VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR (Typ.) EFFICIENCY (Typ.) AC CURRENT (Typ.) INPUT INRUSH CURRENT(Typ.) LEAKAGE CURRENT SAFETY STANDARDS WORKING TEMP. WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVER CURRENT OVER VOLTAGE OVER TEMPERATURE 16ms/230VAC 16ms/115VAC at full load 90 ~ 305VAC 127 ~ 431VDC 47 ~ 63Hz 95 ~ 108% Protection type : Constant current limiting, recovers automatically after fault condition is removed Compliance to EN55015, EN61000-3-2 Class C ( 60% load) ; EN61000-3-3 ≧ Compliance to EN61000-4-2,3,4,5,6,8,11; EN61547, light industry level(surge 2KV), criteria A 20 ~ 95% RH non-condensing -40 ~ +80 , 10 ~ 95% RH ℃ ±℃ ℃ 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. ℃ 2. Ripple & noise are measured at 20MHz of bandwidthby using a 12" twisted pair-wire terminated witha 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time. RIPPLE & NOISE (max.) Note.2 VOLTAGE TOLERANCE Note.3 ENVIRONMENT SAFETY & EMC PROTECTION 500ms, 80ms at 95% load 115VAC / 230VAC EMC IMMUNITY EMC EMISSION COLD START 50A(twidth=270 s measured at 50% Ipeak) at 230VAC WITHSTAND VOLTAGE ISOLATION RESISTANCE -40 ~ +70 (Refer to "Derating Curve") ℃ NPF-60-15 NPF-60-12 NPF-60-20 NPF-60-24 NPF-60-30 NPF-60-36 NPF-60-42 NPF-60-48 NPF-60-54 TOTAL HARMONIC DISTORTION UL8750, CSA C22.2 No. 250.13-12, ENEC EN61347-1, EN61347-2-13, EN62384 independent, 17.5 ~ 21V 15 ~ 17V 23 ~ 27V 28 ~ 34V 34 ~ 40V 41 ~ 46V 54 ~ 60V 46 ~ 54V 59 ~ 66V I/P-O/P:3.75KVAC I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ℃ IP67 approved; Design refer to EN60335-1 Shut down o/p voltage, re-power on to recover μ 367.46K hrs min. MIL-HDBK-217F (25 ) ℃ ±4.0% ±4.0% ±4.0% ±3.0% ±3.0% ±2.0% ±1.0% ±1.0% ±1.0% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±1.0% ±1.5% ±1.0% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% ±0.5% 15V 12V 20V 24V 30V 36V 48V 4A 5A 3A 2.5A 1.67A 1.25A 60W 60W 60W 60W 60W 60.12W 60W 150mVp-p 150mVp-p 150mVp-p 150mVp-p 200mVp-p 200mVp-p 200mVp-p 54V 1.12A 60.48W 350mVp-p 42V 1.43A 60.06W 200mVp-p 9 ~ 15V 7.2 ~ 12V 12 ~ 20V 14.4 ~ 24V 18 ~ 30V 21.6 ~ 36V 28.8 ~ 48V 32.4 ~ 54V 25.2 ~ 42V 2A PF>0.97/115VAC, PF>0.95/230VAC, PF>0.92/277VAC at full load (Please refer to "Power Factor Characteristic" curve) THD< 20% when output loading 60% at 115VAC/230VAC input and output loading 75% at 277VAC input ≧≧ 87% 86% 88% 89% 90% 90% 90% 90% 90% 0.8A / 115VAC 0.4A / 230VAC 0.32A / 277VAC <0.25mA / 277VAC Protection type : Shut down o/p voltage, re-power on to recover 150*53*35mm (L*W*H) 0.49Kg;30pcs/15.7Kg/1.0CUFT SHORT CIRCUIT Hiccup mode, recovers automatically after fault condition is removed MAX. No. of PSUs on 16A CIRCUIT BREAKER 9 units (circuit breaker of type B) / 16 units (circuit breaker of type C) at 230VAC |
Similar Part No. - NPF-60-36 |
|
Similar Description - NPF-60-36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |