Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-60-36 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-60-36
Description  60W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-60-36 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  NPF-60-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-60-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-60-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-60-36 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-60-36 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
60W Single Output Switching Power Supply
NPF-60 series
File Name:NPF-60-SPEC 2015-05-28
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Mechanical Specification
Case No.: NPF-60A
Unit:mm
Recommend Mounting Direction
+V(Red)
-V(Black)
SJTW 18AWG
2C
×
SVT 18AWG
2C
×
AC/L(Brown)
AC/N(Blue)
Installation Manual
※T case: Max. Case Temperature
Tcase
150
5
5
ψ4.5
35
300±20
300±20


Similar Part No. - NPF-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-12 MEANWELL-NPF-60D-12 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-15 MEANWELL-NPF-60D-15 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-20 MEANWELL-NPF-60D-20 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
NPF-60D-24 MEANWELL-NPF-60D-24 Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - NPF-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com