Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-40D-42 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-40D-42
Description  40W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-40D-42 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  NPF-40D-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-40D-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-40D-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-40D-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-40D-42 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-40D-42 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Mechanical Specification
Recommend Mounting Direction
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
UL2464 18AWG
2C(+V,-V)
×
UL2464 22AWG
2C(DIM+,DIM-)
×
40W Single Output Switching Power Supply
NPF-40D series
File Name:NPF-40D-SPEC 2015-11-30
Installation Manual
Case No.: NPF-60A
Unit:mm
SJTW 18AWG
2C
×
AC/L(Brown)
AC/N(Blue)
※T case: Max. Case Temperature
Tcase
150
5
5
ψ4.5
35
300±20
300±20


Similar Part No. - NPF-40D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40 MEANWELL-NPF-40 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-12 MEANWELL-NPF-40-12 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-15 MEANWELL-NPF-40-15 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-20 MEANWELL-NPF-40-20 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-24 MEANWELL-NPF-40-24 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
More results

Similar Description - NPF-40D-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com