Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-40-20 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-40-20
Description  40W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-40-20 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  NPF-40-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-40-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-40-20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-40-20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-40-20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Block Diagram
INPUT VOLTAGE (V) 60Hz
90
100
125
135
145
155
165
175
180
200
230
305
100
90
80
70
60
50
40
Derating Curve
Derating Curve
Static Characteristics
175
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC fosc : 50~120KHz
PWM fosc : 60~130KHz
40W Single Output Switching Power Supply
NPF-40 series
File Name:NPF-40-SPEC 2015-05-28
AMBIENT TEMPERATURE (
)
(HORIZONTAL)
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
230VAC
Input only
50
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
277V
230V
115V
LOAD
(40W)
Power Factor Characteristic
Constant Current Mode


Similar Part No. - NPF-40-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
NPF-40D-12 MEANWELL-NPF-40D-12 Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
NPF-40D-15 MEANWELL-NPF-40D-15 Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
NPF-40D-20 MEANWELL-NPF-40D-20 Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
NPF-40D-24 MEANWELL-NPF-40D-24 Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
More results

Similar Description - NPF-40-20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com