Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPF-40D-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # NPF-40D-12
Description  40W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

NPF-40D-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  NPF-40D-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. NPF-40D-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. NPF-40D-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. NPF-40D-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. NPF-40D-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. NPF-40D-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Highefficiency up to 90%
Protections: Short circuit / Over current / Over voltage
/ Over temperature
Cooling by free air convection
Fully isolated plastic case
Fully encapsulated withIP67 level
Class
power unit, no FG
Class 2 power unit
Built-in 3 in 1 dimming function
(0~10Vdc or PWM signal or resistance)
Suitable for dry / damp / wet locations
No load power consumption<0.5W
5 years warranty
Indoor LED lighting
LED lighting decorative
LED architecture lighting
Moving sign
Tunnel lighting
■ Features
■ Applications
40W Single Output Switching Power Supply
NPF-40D series
IP67
FM
M
110
SELV
■ Model Encoding
■ Description
NPF-40D is one 40W waterproof single-output LED power supply series. In addition to the fundamental
LED driving function, NPF-40D is equipped witha built-in 3 in 1 dimming function (0~10Vdc, PWM
signal or resistance) that simplifies the brightness adjustment for system designers so as to achieve
light reduction and energy conservation. The entire series adopts the universal input range from
90VAC to 305VAC and incorporates the built-in PFC function. The enclosure design is a 94V-0 flame
retardant plastic case. The interior is fully potted with silicone that enhances the heat dissipation and
allows the power supply to meet the anti-vibration demand up to 5G; it also thus conforms to IP67 level,
enabling NPF-40D to be used in a highly dusty and highly humid harsh environment.
Output voltage
Built-in 3 in 1 dimming function
Output wattage
Series name
-
D12
NPF - 40
File Name:NPF-40D-SPEC 2015-11-30
Providing a high efficiency up to 90% and a low no load power consumption below 0.5W, NPF-40D
can satisfy the energy saving demand for the new generation LED lighting. The class
design
(without FG pin) and the double insulation weather-resistant cable (SJTW) on the input side make it
convenient for users to flexibly install on various types of lighting systems. The entire series can
operate under the temperature between -40~+70
and comply with the relevant global lighting
safety certification.


Similar Part No. - NPF-40D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40 MEANWELL-NPF-40 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-12 MEANWELL-NPF-40-12 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-15 MEANWELL-NPF-40-15 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-20 MEANWELL-NPF-40-20 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
NPF-40-24 MEANWELL-NPF-40-24 Datasheet
126Kb / 5P
   40W Single Output Switching Power Supply
More results

Similar Description - NPF-40D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com