Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBBA-1205B Datasheet(PDF) 1 Page - Powerbox

Part # PBBA-1205B
Description  1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBA-1205B Datasheet(HTML) 1 Page - Powerbox

  PBBA-1205B Datasheet HTML 1Page - Powerbox PBBA-1205B Datasheet HTML 2Page - Powerbox PBBA-1205B Datasheet HTML 3Page - Powerbox PBBA-1205B Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Doc. No. PBC9 Rev.C 28-4-11
204
PBBA Series
1 . 5 - 1 0 W A T T S - D C / D C S I N G L E & M U L T I P L E O U T P U T
FEATURES
Small size
Low profile
2:1 input ratio
Regulated output
Overcurrent protection
Fully isolated output
INPUT
Input voltage
5VDC (4.5-9.0), 12VDC (9-18), 24VDC (18-36),
48VDC (36-72)
Input protection
None, use external input fuse
Input filter
Yes
OUTPUT
Output voltage
See table
Voltage accuracy
±5%
Output Power
1.5W-10W
Ripple & Noise
120-150mV max. 20MHz bandwidth
Line regulation
±0.5% max. over input range
Load regulation
“Model dependent”. ±1% single output, ±5%
Multiple Outputs
Temperature drift
1% max. 0°C to 50°C
Overload protection
Overcurrent protection works at approx. 105% of
rating and recovers automatically
OPERATING
Efficiency
1.5W: 65%, 3W: 70%,
6W: 70%, 10W: 80%
Isolation
Input - Output: 500VDC
Isolation resistance typically 50MV
Parallel operation
No
Series operation
Yes
ENVIRONMENTAL
Operating temperature
-20°C to 71°C
Derating
Derate from 55°C to 71°C
Cooling
Free air convection
Storage temperature
-40°C to 85°C
Humidity
20%-90% non condensing
Vibration
10Hz-55Hz at 2G, 3 min periods along
x, y, and z axis
Impact
50G for 11mS once on each axis
MECHANICAL SPECIFICATIONS
Case
Metal case with plastic base
Dimensions & weight
PBBA-A: 27.5x18x7mm 10g
PBBA-B: 35x23x7mm
16g
PBBA-C: 44.4x28x7mm 25g
PBBA-D: 45x35x7mm
40g
Mounting options
Enclosed chassis mount with input/output screw
terminals. Refer to PBBA-CM
STANDARDS AND APPROVALS
Safety
EN60950-1, UL60950-1, CSA C22.2 No 60950-1,
IEC 60950-1
SPECIFICATIONS


Similar Part No. - PBBA-1205B

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-1205B POWERBOX-PBBA-1205B Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - PBBA-1205B

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com