Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP350-60EPN80 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP350-60EPN80
Description  specification describes a 350 watts power supply.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP350-60EPN80 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP350-60EPN80_15 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This specification describes a 350 watts power supply. With
+5V stand-by, second 12V rail and remote ON/OFF control
for ATX-12V system and a “Power factor collector (PFC )”
circuit to meet EPA requirement of input range with in
115V/60HZ & 230V/50Hz.
APPLICATION
Desktop
W ATTAGE
Wattage:
350W
DIMENSION
Dimension:
140mm(L) x 150mm(W) x
86mm(H)
PRODUCT HIGHLIGHT
Efficiency Lev el:
80PLUS Bronze
Erp Lot:
<0.5W
Input Voltage:
100~240Vac
INPUT SPECIFICATION
Input Range:
100-240 Vac
Input F requency :
47-63 Hz
Input Current:
5 Amp (maximum) at 115
Vrms/ 60 Hz 2.5Amp
(maximum) at 230 Vrms/ 50
Hz.
OUTPUT SPECIFICATION
Output Rise Time:
+3.3V 20mS (maximum)
+5V 20mS (maximum)
+12 V1 20mS (maximum)
+12 V2 20mS (maximum)
-12 V 20mS (maximum)
SAFETY STANDARD APPAOVAL
GENERAL SPECIFICATION
Efficiency :
80PLUS Bronze
PWOK Delay Time: 500ms > PWOK > 100ms
EMC Performance: EN55022 class B
EN55024
EN 61000-3-2
EN 61000-3-3
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Storage Temperature: -40°C to +
70
MTBF :
The power supply reliability, when
calculated by “Bellcore” latest
revision are exceed 100,000 hours
with all output at maximum load and
an ambient temperature of 25.
The special requirement is for
cooling fan that MTTF be guarantee
over 30,000 hours at 25ambient
temperature.
*Output Voltage and C urrent Rating
+3.3V
+5V
+12V1
+12V2
-12V
+5Vsb
Ripple-Noise(R-P) mV
50mV
50mV
5mV
120mV
200mV
50mV
Regulation Load %
±5%
±5%
±5%
±5%
±10%
±5%
Output Max.(A)
21A
15A
16A
16A
0.3A
2.5A
Output Min.(A)
0.5A
0.3A
0.5A
0.2A
0A
0A
NOTES
+3.3V & +5V total output not exceed 103W.
When +5V is load to 15A, the +3.3V maximum load is 8.48A.
When +3.3V is load to 21A, the +5V maximum load is 6.74A.
+12V1 & +12V2 total output not exceed 300W
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
PC PSU
FSP350-60EPN(80)


Similar Part No. - FSP350-60EPN80_15

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP350-60EGA SPI-FSP350-60EGA Datasheet
66Kb / 1P
   350 Watts ATX12V 2.3 Switching Power Supply
logo
FSP TECHNOLOGY INC.
FSP350-60EGN FSP-FSP350-60EGN_15 Datasheet
146Kb / 1P
   specification describes a 350 watts power supply.
FSP350-60EVF FSP-FSP350-60EVF_15 Datasheet
128Kb / 1P
   industrial level of switching power
More results

Similar Description - FSP350-60EPN80_15

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP350-50ERN FSP-FSP350-50ERN_15 Datasheet
214Kb / 1P
   specification describes a 350 watts power supply.
FSP350-60APN85 FSP-FSP350-60APN85_15 Datasheet
122Kb / 1P
   specification describes a 350 watts power supply.
FSP350-60EGN FSP-FSP350-60EGN_15 Datasheet
146Kb / 1P
   specification describes a 350 watts power supply.
FSP350-50ARN FSP-FSP350-50ARN_15 Datasheet
201Kb / 1P
   specification describes a 350 watts power supply.
FSP550-50ARN FSP-FSP550-50ARN_15 Datasheet
202Kb / 1P
   specification describes a 550 watts power supply.
FSP400-60ETN FSP-FSP400-60ETN_15 Datasheet
101Kb / 1P
   specification describes a 400 watts power supply.
FSP550-80ETN FSP-FSP550-80ETN_15 Datasheet
101Kb / 1P
   specification describes a 550 watts power supply.
FSP500-50ERN FSP-FSP500-50ERN_15 Datasheet
215Kb / 1P
   specification describes a 500 watts power supply.
FSP400-50ERN FSP-FSP400-50ERN_15 Datasheet
215Kb / 1P
   specification describes a 400 watts power supply.
FSP400-60EGN FSP-FSP400-60EGN_15 Datasheet
146Kb / 1P
   specification describes a 400 watts power supply.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com