Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54174 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54174
Description  Hex/Quad D Flip-Flops with Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54174 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54174 Datasheet HTML 1Page - National Semiconductor (TI) 54174 Datasheet HTML 2Page - National Semiconductor (TI) 54174 Datasheet HTML 3Page - National Semiconductor (TI) 54174 Datasheet HTML 4Page - National Semiconductor (TI) 54174 Datasheet HTML 5Page - National Semiconductor (TI) 54174 Datasheet HTML 6Page - National Semiconductor (TI) 54174 Datasheet HTML 7Page - National Semiconductor (TI) 54174 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
’175 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
IOS
Short Circuit
VCC e Max
DM54
b
20
b
57
mA
Output Current
(Note 2)
DM74
b
18
b
57
ICC
Supply Current
VCC e Max (Note 3)
30
45
mA
’175 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock
30
MHz
Frequency
tPLH
Propagation Delay Time
Clock to
25
ns
Low to High Level Output
Any Q or Q
tPHL
Propagation Delay Time
Clock to
25
ns
High to Low Level Output
Any Q or Q
tPLH
Propagation Delay Time
Clear to
25
ns
Low to High Level Output
Any Q
tPHL
Propagation Delay Time
Clear to
40
ns
High to Low Level Output
Any Q
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
With all outputs open and 45V applied to all DATA and CLEAR inputs ICC is measured after a momentary ground then 45V applied to the CLOCK
4


Similar Part No. - 54174

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
54174DMQB FAIRCHILD-54174DMQB Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
54174FMQB FAIRCHILD-54174FMQB Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
More results

Similar Description - 54174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com