Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GST18E28-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GST18E28-P1J
Description  18W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST18E28-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST18E28-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST18E28-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST18E28-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
18W AC-DC High Reliability Industrial Adaptor
GST18E series
File Name:GST18E-SPEC 2015-06-24
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
9V
12V
15V
18V
24V
28V
48V
GST18E05
GST18E07
GST18E09
GST18E12
GST18E15
GST18E18
GST18E24
GST18E28
GST18E48
3.0A
2.0A
2.0A
1.50A
1.20A
1.0A
0.75A
0.64A
0.375A
0 ~ 3.0A
0 ~ 2.0A
0 ~2.0A
0 ~ 1.50A
0 ~ 1.20A
0 ~ 1.0A
0 ~ 0.75A
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
47 ~ 63Hz
0.25mA / 240VAC
TUV EN60950-1 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
500Khrs min. MIL-HDBK-217F(25
)
20% ~ 90% RH non-condensing
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
79*54*33mm (L*W*H)
202.5g; 60pcs/13.2Kg/1.22CUFT
CONNECTOR
PLUG
CABLE
15W
15W
18W
18W
18W
18W
18W
18W
0 ~ 0.64A
18W
0 ~ 0.375A
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 10% to 100% rated load.
7.Derating may be needed under low input voltage. Please check the derating curve for more details.
8.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Compliance to EN55022 class B, EN61000-3-2,3
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
OVERLOAD
OVER VOLTAGE
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Clamp by zener diode, output short
GST18E05-P1J
GST18E09-P1J
GST18E15-P1J
GST18E24-P1J
GST18E48-P1J
GST18E07-P1J
GST18E12-P1J
GST18E18-P1J
GST18E28-P1J
EMC IMMUNITY
EMC EMISSION
80mVp-p
85 ~ 264VAC
0.5A / 115VAC
0.3A / 230VAC
35A / 115VAC
65A / 230VAC
110 ~ 140% rated output voltage
1000ms, 30ms, 50ms/230VAC
1500ms, 30ms, 15ms/115VAC at full load
-30 ~ +70
(Refer to "Derating Curve")
-40 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 50
)
VOLTAGE RANGE
Note.7
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
81%
85%
85%
86%
87%
88%
88%
88.5%
89%


Similar Part No. - GST18E28-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A05-P1J MEANWELL-GST18A05-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A07-P1J MEANWELL-GST18A07-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A09-P1J MEANWELL-GST18A09-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A12-P1J MEANWELL-GST18A12-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
More results

Similar Description - GST18E28-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com