Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GST18U Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GST18U
Description  18W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST18U Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST18U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST18U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST18U Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
NAME PLATE
POWER LED
70±10mm
11±0.5mm
33
79
ID 2.1 x OD 5.5
C"+"
UL1185 16AWG 1200±50mm for 5~12V
UL1185 18AWG 1800±50mm for 15~48V
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
-30
10
20
30
40
50
100
50
60
70
AMBIENT TEMPERATURE (℃)
INPUT VOLTAGE (VAC) 60Hz
18W AC-DC High Reliability Industrial Adaptor
G S T 1 8 U series
File Name:GST18U-SPEC 2015-10-29
Unit:mm
Plug Assignment
Standard plug: P1J
P/N
OUTPUT
P1J
CENTER
+


Similar Part No. - GST18U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A05-P1J MEANWELL-GST18A05-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A07-P1J MEANWELL-GST18A07-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A09-P1J MEANWELL-GST18A09-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A12-P1J MEANWELL-GST18A12-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
More results

Similar Description - GST18U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18E MEANWELL-GST18E Datasheet
94Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com