Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LB11685VH Datasheet(PDF) 6 Page - ON Semiconductor

Part No. LB11685VH
Description  3-phase sensor less Motor driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11685VH Datasheet(HTML) 6 Page - ON Semiconductor

  LB11685VH Datasheet HTML 1Page - ON Semiconductor LB11685VH Datasheet HTML 2Page - ON Semiconductor LB11685VH Datasheet HTML 3Page - ON Semiconductor LB11685VH Datasheet HTML 4Page - ON Semiconductor LB11685VH Datasheet HTML 5Page - ON Semiconductor LB11685VH Datasheet HTML 6Page - ON Semiconductor LB11685VH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB11685VH
No.A1773-6/7
Continue from the former page.
Pin No.
Pin name
Function
Equivalent circuit
2
3
C1
C2
Soft switching adjustment pin.
The triangular wave from is form formed by connecting a
capacitor with this pin.
And, the switching of three-phase output is adjusted by
the slope.
4
FC2
Frequency characteristic correction pin 2.
To suppress the oscillation of control system closed loop
of sink-side, connect a capacitor between this pin and
GND.
5
FC1
Frequency characteristic correction pin 1.
To suppress the oscillation of control system closed loop
of source-side, connect a capacitor between this pin and
GND.
6
VOH
Three-phase output high level output pin.
To stabilize the output voltage of this pin, connect a
capacitor between this pin and the VCC pin.
7
VREG
DC voltage (3.3V) output pin.
Connect a capacitor between this pin and GND for
stabilization.
19
VCC
Pin to supply power-supply voltage.
To curb the influence of ripple and noise. The voltage
should be stabilized.
Pin No.2
3
VCC
SGND
SGND
Pin No.4
VCC
SGND
SGND
VREG
Pin No.5
VCC
SGND
SGND
Pin No.6
VCC
SGND
SGND
VCC
Pin No.7
VCC
SGND
SGND
VCC


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn