Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBIC-D5BG Datasheet(PDF) 1 Page - Powerbox

Part # PBIC-D5BG
Description  1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBIC-D5BG Datasheet(HTML) 1 Page - Powerbox

  PBIC-D5BG Datasheet HTML 1Page - Powerbox PBIC-D5BG Datasheet HTML 2Page - Powerbox PBIC-D5BG Datasheet HTML 3Page - Powerbox PBIC-D5BG Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
59
PBIC Series
1 5 - 1 1 0 W A T T S - A C / D C & M U L T I P L E D U A L O U T P U T
FEATURES
• Worldwide inputs
• Compact size
• High efficiency and reliability
• 100% full load burn-in test
• Output voltage adjustable
• Overvoltage protection
INPUT
Voltage
PBIC-F, G, J models: 85–264VAC
PBIC-L, N models 85–132VAC/170–264VAC
with auto select.
Frequency
47Hz–440Hz.
Inrush current
Typically 20A–30A @ 100VAC
Efficiency
66%-79% depending on model, at nominal
input and full load.
Isolation
Input – Output: 3000VAC(1 min).
Input – Case: 2500VAC(1 min).
Output – Case: 500VAC (1 min).
Insulation resistance
PBIC-F, G, J. models: 50MOhm, in – out – case.
PBIC-L, N models: 100MOhm, in – out – case.
OUTPUT
Voltage
See table.
Voltage adjustment
PBIC-F, G, L models: ±5% V1, V2 & V3 fixed.
PBIC-L, N models: ±5% V1, ±5% V2, V3 fixed.
Output current
See table.
Ripple & noise
PBIC-F, G, L models: Output V x 1% + 50mV.
PBIC-L, N models: Output V x 1% + 100mV.
Line regulation
0.5% over input range.
Load regulation
0.03%–1% (0%-100% load) typical.
Temperature coefficient
0.3% per °C, -5°C to +50°C.
Drift
Output V x 0.1% +15mV per 8 hours
after 1 hr
Overvoltage protection
PBIC-F, G models: 0V clamp, V1 only
PBIC-J model: Output shutdown V1 only PBIC-
L, N models: Output shutdown, V1 and V2
Overcurrent protection
PBIC-F, G, J models: Fold back current limit
PBIC-L, N models: Automatic reset
Rise time
PBIC-F, G, J. models: 200mS max.
PBIC-L, N models: 550mS max.
Holdup time
PBIC-F, G, J. models: 10mS (norm. input &
output)
PBIC-L, N models: 20mS (min, full load)
ENVIRONMENTAL
Operating temperature
0° to 40°C with cover & vertical mount 0° to
50°C without cover & horizontal mount.
Storage temperature
-20°C to +85°C.
Humidity
85%.
Vibration
(5Hz–10Hz) 10mm, (10Hz–55Hz) 2G.
Shock
PBIC-F, J: 30G; PBIC-G: 10G.
STANDARDS
Safety standards
Meets UL1950, EN60950, CE LVD 73/23/EEC,
VDE805, CSA234.
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMI standards
Built to meet FCC part 15 class B & VDE0871
class B (up to 150kHz) EN55022-B.
SPECIFICATIONS


Similar Part No. - PBIC-D5BG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBI04100 ETC2-PBI04100 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04101 ETC2-PBI04101 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04102 ETC2-PBI04102 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04103 ETC2-PBI04103 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04107 ETC2-PBI04107 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
More results

Similar Description - PBIC-D5BG

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBI2H POWERBOX-PBI2H Datasheet
290Kb / 2P
   1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB7C POWERBOX-PBB7C Datasheet
255Kb / 2P
   1 0 0 - 2 2 5W - A C / D C D U A L O U T P U T
logo
E-Tech Electronics LTD
GSS1120 ETL-GSS1120 Datasheet
276Kb / 3P
   D u a l 1 A L o w D r o p o u t P o s i t i v e R e g u l a t o r
logo
Powerbox
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com