Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBI6C-12M-R Datasheet(PDF) 3 Page - Powerbox

Part # PBI6C-12M-R
Description  5 0 - 1 5 0 WAT T S A C / D C S I N G L E O U T P U T WI T H R E M O T E C O N T R O L
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBI6C-12M-R Datasheet(HTML) 3 Page - Powerbox

  PBI6C-12M-R Datasheet HTML 1Page - Powerbox PBI6C-12M-R Datasheet HTML 2Page - Powerbox PBI6C-12M-R Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Doc. No. PBI6C Series Rev.A 17-9-15
3
PBI6C-M Models
PBI6C-R Models
PBI6C Series
5 0 - 1 5 0 W A T T S A C / D C S I N G L E O U T P U T W I T H R E M O T E C O N T R O L


Similar Part No. - PBI6C-12M-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBI04100 ETC2-PBI04100 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04101 ETC2-PBI04101 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04102 ETC2-PBI04102 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04103 ETC2-PBI04103 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
PBI04107 ETC2-PBI04107 Datasheet
553Kb / 4P
   MODEL LDD - LARGE DIGIT DISPLAY
More results

Similar Description - PBI6C-12M-R

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
   5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
PB315 POWERBOX-PB315 Datasheet
142Kb / 1P
   5 0 0 WAT T S R O L L I N G S T O C K D C / D C C O N V E R T E R
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
   2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
   7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
   1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
LOPAC POWERBOX-LOPAC Datasheet
181Kb / 2P
   5 0 0 - 1 5 0 0 WAT T S - A C / D C L OW P R O F I L E S I N G L E - M U LT I P L E O U T P U T
logo
E-Tech Electronics LTD
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS400SD ETL-GS400SD Datasheet
153Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com