Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBB20C-5H Datasheet(PDF) 1 Page - Powerbox

Part # PBB20C-5H
Description  A C / D C S I N G L E O U T P U T S U P P LY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB20C-5H Datasheet(HTML) 1 Page - Powerbox

  PBB20C-5H Datasheet HTML 1Page - Powerbox PBB20C-5H Datasheet HTML 2Page - Powerbox PBB20C-5H Datasheet HTML 3Page - Powerbox PBB20C-5H Datasheet HTML 4Page - Powerbox PBB20C-5H Datasheet HTML 5Page - Powerbox PBB20C-5H Datasheet HTML 6Page - Powerbox PBB20C-5H Datasheet HTML 7Page - Powerbox PBB20C-5H Datasheet HTML 8Page - Powerbox PBB20C-5H Datasheet HTML 9Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Doc. No. PBB20C Rev.E 25-11-15
1
PBB20C Series
A C / D C S I N G L E O U T P U T S U P P L Y
FEATURES
10 - 1500W
AC/DC Power Supply
Small size and light weight
Fan alarm (300W-1500W)
Remote ON/OFF (300W-1500W)
Parallel operation and current sharing (300W - 1500W)
Short circuit and over current protected
Conformal coating option for wet areas
SPECIFICATIONS
INPUT
Voltage
85~264Vac / 120~370Vdc.
Frequency
47-63Hz.
Inrush current
PBB20C-D, F, H, J, L 30A typical
PBB20C-M, R, T, X, W, V 40A typical.
OUTPUT
Output Voltage
See Selection Table.
Voltage Adjustment
See Selection Table.
Output Current
See Selection Table.
Minimum Load
Unit will operate with zero load.
Output Ripple
3.3Vdc - 24Vdc < 150mVp-p
48Vdc < 250mVp-p
Line regulation
Typically 0.4%
Load regulation
Typically 0.8%
Temperature drift
1% over 0°C to 50°C
Remote sense
Provided on PBB20C-T to V model
Remote inhibit
Provided on PBB20C-T to V model
Rise time
Model dependent 600ms max
Holdup time
20ms typical
Efficiency
Typ. 82%
PROTECTION
Over Current Protection
Works at approximately 105% of rated current
with auto recovery
Over Voltage Protection
Model dependent 115%-140% Vout typical
Isolation
Input - Output 3000Vac
Input - Case 2000Vac
Output - Case 500Vac
Thermal protection
300W - 1500W - Unit shuts down when
temperature exceeds de-rating curve when FAN
stops or when air flow is interrupted
DC OK / FAN alarm
300W - 1500W: Open Collector "Low DC OK&quot
0.5V "High DC not OK" 5V LED for V output
ENVIRONMENTAL
Operating Temperature
10W-150W convection 10°C to 71°C
Derate from 40°C to 71°C with cover
Derate from 60°C to 71°C without cover
300W-1500W convection -20°C to 71°C
Derate from 50°C to 71°C at 50% power
Cooling
10W-150W models convection cooled.
300W-1500W models internal fan cooling.
Humidity
20%-90% non-condensing.
Vibration
10Hz-55Hz at 2G
Shock
20G 11ms X, Y, Z axis
STANDARDS & APPROVALS
Safety
UL60950-1, C-UL(CSA60950-1), EN60950-
1,EN50178, Complies with DEN-AN.
C-Tick
AS/NZS CISPR11 Group 1 Class A.
EMC compliances
EN61204-3, EN61000-6-2
EN61000-4-2,-3,-4,-5,-6,-8,-11
EMI compliances
Complies with FCC-B, CISPR22-B, EN55011-B,
EN55022-B, VCCI-B
CE marking
Complies with LVD and EMC Directives
MECHANICAL
Connector
Screw Termination
Dimensions and Weight
PBB20C-D, 10W : 31 x 78 x 68mm, 150g
PBB20C-F, 15W : 31 x 78 x 85mm, 200g
PBB20C-H, 30W: 31 x 78 x 103mm, 270g
PBB20C-J, 50W: 31 x 82 x 120mm, 280g
PBB20C-L, 75W: 32 x 82 x 135mm, 350g
PBB20C-M, 100W : 32 x 93 x 147mm, 440g
PBB20C-R, 150W : 34 x 93 x 168mm, 560g
PBB20C-T, 300W : 102 x 42 x 170mm, 1.0kg
PBB20C-X, 600W : 120 x 61 x 190mm, 1.6kg
PBB20C-W, 1000W : 150 x 61 x 240mm, 2.2kg
PBB20C-V, 1500W : 178 x 61 x 268mm, 3.4kg
Chassis Plate Mounting
PBB20C Chassis Mounting


Similar Part No. - PBB20C-5H

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB20C-D POWERBOX-PBB20C-D Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12F POWERBOX-PBB20C-D12F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12H POWERBOX-PBB20C-D12H Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D12J POWERBOX-PBB20C-D12J Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
PBB20C-D15F POWERBOX-PBB20C-D15F Datasheet
407Kb / 3P
   1 5 - 5 0W- A C / D C D U A L O U T P U T
More results

Similar Description - PBB20C-5H

ManufacturerPart #DatasheetDescription
logo
Powerbox
EC2SA POWERBOX-EC2SA Datasheet
172Kb / 2P
   2 WAT T S - D C / D C S I N G L E & M U LT I P L E O U T P U T
EC3SA POWERBOX-EC3SA Datasheet
171Kb / 3P
   3 WAT T S - D C / D C S I N G L E and M U LT I P L E O U T P U T
PBKAM10 POWERBOX-PBKAM10 Datasheet
153Kb / 1P
   1 0 WAT T S - A C / D C P OWE R M O D U L E S I N G L E - M U LT I P L E O U T P U T
PM25A POWERBOX-PM25A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PM42 POWERBOX-PM42 Datasheet
694Kb / 2P
   3 0 - 4 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB11C POWERBOX-PBB11C Datasheet
667Kb / 4P
   A C / D C H I G H S U R G E S U P P LY
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBI2C POWERBOX-PBI2C Datasheet
454Kb / 2P
   A C / D C H I G H S U R G E S U P P LY
VIPAC POWERBOX-VIPAC Datasheet
265Kb / 2P
   5 0 - 7 5 0 WAT T S - D C / D C S I N G L E - M U LT I P U L E O U T P U T C O N F I G U R A B L E
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com