Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBB2C-24H-SNY Datasheet(PDF) 1 Page - Powerbox

Part # PBB2C-24H-SNY
Description  1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBB2C-24H-SNY Datasheet(HTML) 1 Page - Powerbox

  PBB2C-24H-SNY Datasheet HTML 1Page - Powerbox PBB2C-24H-SNY Datasheet HTML 2Page - Powerbox PBB2C-24H-SNY Datasheet HTML 3Page - Powerbox PBB2C-24H-SNY Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
31
FEATURES
Full range input voltage 85–264VAC
Fully regulated output
Short circuit overcurrent/overvoltage protection
High quality
OEM product
UL, CSA and TÜV approvals
C-Tick compliant
INPUT
Voltage
85–264VAC or 110–370VDC (PBB2C-D
to L).110/240VAC autoranging (PBB2C-M
to R).
Frequency
47Hz–440Hz.
Safety isolation
In/Out 3000VAC, 1 min, 10mA, 500VDC,
50M ohm min.
In/Gnd 2000VAC, 1 min, 10mA, 500VDC,
50M ohm min.
Out/Gnd 500VAC, 1 min, 100mA, 500VDC,
50M ohm min
Inrush current
30A typical at 200V AC.
OUTPUT
Output voltage
See table.
Output current
See table.
Regulation
Line: 0.4% max.
Load: 0.8% max.
Voltage adjustment
Main output ±10%.
Ripple and noise p–p
See table.
Overvoltage protection
At 115%–140% of rated.
Overcurrent protection
At 105% of rated.
Temperature drift
1% typical. 0°C to 50°C.
Efficiency
See table.
Hold up time
10mS typical at 85VAC input
Rise time
200mS max.
ENVIRONMENTAL
Operating temperature
-10°C to 60°C.
Derating
50°C to 60°C Forced Air.
50°C to 70°C Forced Air.
Cooling
Convection.
Vibration
10Hz–55Hz, 2G, 3 mins period for 60
minutes each along X, Y and Z axis.
Impact
20G, 11mS, once each along X, Y and Z axis.
STANDARDS
Safety standards
UL60950-1, EN60950-1, CSA C22.2 No.234,
EN50178, IEC60950-1
C-tick
AS/NZS CISPR11 Group 1 Class A.
EMI standards
FCC-B, CISPR22-B, EN55022-B, VCCI-B
MECHANICAL
Case size
Cable harness
PBB2C-D-SNY 57x32x125mm
PBB2C-F-SNY 57x32x145mm
PBB2C-H-SNY 65x36x163mm
PBB2C-J-SNY 65x36x225mm
PBB2C-L-SNY 65x42x252mm
PBB2C-M-SNY 72x45x252mm
PBB2C-R-SNY 85x47x252mm
Input/output harness supplied with PSU
PBB2C Series
1 0 - 1 5 0 W A T T S - A C / D C S I N G L E O U T P U T
SPECIFICATIONS


Similar Part No. - PBB2C-24H-SNY

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C-T POWERBOX-PBB2C-T Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB2C-T1F POWERBOX-PBB2C-T1F Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB2C-T1H POWERBOX-PBB2C-T1H Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB2C-T1K POWERBOX-PBB2C-T1K Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
PBB2C-T2F POWERBOX-PBB2C-T2F Datasheet
286Kb / 2P
   1 5 - 6 0 WAT T S - A C / D C M U LT I P L E O U T P U T
More results

Similar Description - PBB2C-24H-SNY

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBO POWERBOX-PBBO Datasheet
168Kb / 1P
   5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
   6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
   1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
   5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
   1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
   1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
   7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
   1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PBI2H POWERBOX-PBI2H Datasheet
290Kb / 2P
   1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com