Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-M8M4-5A Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RFP-M8M4-5A
Description  Wireless RGBW remote controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RFP-M8M4-5A Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RFP-M8M4-5A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RFP-M8M4-5A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RFP-M8M4-5A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RFP-M8M4-5A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wireless RGBW remote controller
R F P - M 8 M 4 - 5 A
File Name:RFP-M8M4-5A 2015-11-23

■ 









 






SPECIFICATION
Receiver :
Model : M4-5A
Power Input : 5~24VDC
Max Current Load : 5Ax4CH
Max Output Power : 100W/240W/480(5V/12V24V)
Gray level : Max4096x4096x4096
Working Temp. : -30℃~55℃
Dimensions : L175xW44xH30(mm)
Weight(N.W.) : 125g
Remote:
Model : M8
Power Input: DC3V(battery CR2032)
Working Frequency : 433.92MHz
Remote Distance : 40~50m
Working Temp.: -30℃~55℃
Dimensions : L104xW58xH9(mm)
Weight(N.W.): 42g
Working Humidity:20~90% RH non-condensing
Working Humidity:20~90% RH non-condensing
Total Weight(G.W.):0.215Kg(Blister)
Packing:0.215Kg;40pcs/9.75Kg/L44xW32xH25cm






Similar Part No. - RFP-M8M4-5A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RFP-M1M3-3A MEANWELL-RFP-M1M3-3A Datasheet
1Mb / 3P
   Wireless dimming remote controller
RFP-M2M3-3A MEANWELL-RFP-M2M3-3A Datasheet
978Kb / 3P
   Wireless color temp. remote controller
RFP-M5M3-3A MEANWELL-RFP-M5M3-3A Datasheet
966Kb / 3P
   Wireless color temp. remote controller
More results

Similar Description - RFP-M8M4-5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
   Wireless Remote Controller/Transmitter
TX-F04 ETC2-TX-F04 Datasheet
344Kb / 5P
   Wireless Remote Controller/Transmitter
logo
Mean Well Enterprises C...
RFP-M1M3-3A MEANWELL-RFP-M1M3-3A Datasheet
1Mb / 3P
   Wireless dimming remote controller
logo
List of Unclassifed Man...
TX-F03 ETC2-TX-F03 Datasheet
270Kb / 5P
   Wireless Remote Controller/Transmitter
TX-FM04 ETC2-TX-FM04 Datasheet
290Kb / 4P
   Wireless Remote Controller/Transmitter
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
TX-F04-B1B2 ETC2-TX-F04-B1B2 Datasheet
346Kb / 5P
   Wireless Remote Controller/Transmitter
logo
Mean Well Enterprises C...
RFP-M5M3-3A MEANWELL-RFP-M5M3-3A Datasheet
966Kb / 3P
   Wireless color temp. remote controller
RFP-M2M3-3A MEANWELL-RFP-M2M3-3A Datasheet
978Kb / 3P
   Wireless color temp. remote controller
logo
List of Unclassifed Man...
DSR435.72A01-SS51 ETC1-DSR435.72A01-SS51 Datasheet
72Kb / 1P
   SAW Resonator for Wireless Remote Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com