Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-120U-30 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-120U-30
Description  120W Single Output Moistureproof Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-120U-30 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  OWA-120U-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-120U-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-120U-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-120U-30 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. OWA-120U-30 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
230V
115V
PFC fosc : 50~120KHz
PWM fosc : 60~130KHz
INPUT VOLTAGE (V) 60Hz
90
100
125
135
145
155
165
175
180
200
230
264
100
90
80
70
60
50
40
Power Factor Characteristic
(HORIZONTAL)
DETECTION
PWM & PFC
CIRCUIT
O.L.P.
O.T.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
LOAD
(120W)
Constant Current Mode
120W Single Output Moistureproof Adaptor
OWA-120U series
Derating Curve
Static Characteristics
Block Diagram
AMBIENT TEMPERATURE (
)
230VAC
Input only
20
40
60
80
100
-25
0
15
30
040 45 50
-40
60
70
50
12V,15V only
File Name:OWA-120U-SPEC 2015-09-07


Similar Part No. - OWA-120U-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-12 MEANWELL-OWA-120E-12 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-15 MEANWELL-OWA-120E-15 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-20 MEANWELL-OWA-120E-20 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-120E-24 MEANWELL-OWA-120E-24 Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-120U-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-60E MEANWELL-OWA-60E Datasheet
170Kb / 4P
   60W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
GC120 MEANWELL-GC120 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com