Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-60E-48 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-60E-48
Description  60W Single Output Moistureproof Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-60E-48 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  OWA-60E-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-60E-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-60E-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-60E-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
Mechanical Specification
H05RN-F 1.0mm
2C
2
×
1500
50
±
300
20
±
H05RN-F 1.0mm
2C
2
×
2-
4.5
ψ
130
5
5
60W Single Output Moistureproof Adaptor
OWA-60E series
File Name:OWA-60E-SPEC 2015-04-15
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
-V not connected to AC FG
Inside
Outside
ID 2.1 x OD 5.5
C"+"
11
0.5
±
CASE NO.: OWA-60
Unit:mm
For standard model
Input
Ty
Plug
pe
All standard models : CEE 7/7
Output Plug Assignment
PIN NO. OUTPUT
Plug Picture
Plug Description
Model Category
34
,
-V
XLR 4P, NEUTRIK NC4MX,
For optional model
or equivalent
1
4
32
1,2
+V
3
-V
Lumberg 3611 03,
For optional model
or equivalent
1
+V
2,3
-V
XLR 3P,NEUTRIK NC3MX,
For optional model
or equivalent
1
+V
2
-V
CHOGORI 22002411-01
For optional model
or equivalent
1
+V
2
-V
Unicable UT-D170F4-2P
For optional model
or equivalent
1
+V
2
-V
Unicable UT-D224-2P
For optional model
or equivalent
1
+V
2
1
1
3
2
※ For details, please contact MEAN WELL.
1
2
3
1
2
1
2
2
floated
Inside
Outside
2.1φ x 5.5φ x 11 mm, center +,
tuning fork type
CENTER +V


Similar Part No. - OWA-60E-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-12 MEANWELL-OWA-60U-12 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-15 MEANWELL-OWA-60U-15 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-20 MEANWELL-OWA-60U-20 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-24 MEANWELL-OWA-60U-24 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-60E-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-120U MEANWELL-OWA-120U Datasheet
104Kb / 5P
   120W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com