Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWA-60E-42 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # OWA-60E-42
Description  60W Single Output Moistureproof Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

OWA-60E-42 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  OWA-60E-42 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. OWA-60E-42 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. OWA-60E-42 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. OWA-60E-42 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
60W Single Output Moistureproof Adaptor
OWA-60E series
File Name:OWA-60E-SPEC 2015-04-15
MODEL
DC VOLTAGE
RATED CURRENT
RATED POWER
OUTPUT
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME Note.4
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
OVER TEMPERATURE
10ms at full load
115VAC / 230VAC
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
1.2A / 115VAC
0.7A / 230VAC
<0.25mA / 240VAC
105 ~ 115%
Protection type : Hiccup mode, recovers automatically after fault condition is removed
-35 ~ +70
(Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 5G 12min./1cycle, period for 72min. each along X, Y, Z axes
292.8K hrs min.
MIL-HDBK-217F (25
)
Compliance to EN61000-4-2,3,4,5,6,8,11, EN55024, EN55014-2, light industry level (surge L- N : 2KV), criteria A
130*53*35mm
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by usinga 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel
capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
0.41Kg; 16pcs/6.8Kg/0.85CUFT
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
PROTECTION
Shut down o/p voltage, re-power on to recover
SHORT CIRCUIT
Hiccup mode, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
COLD START 65A(twidth=750 s measured at 50% Ipeak) at 230VAC
14 ~ 16V
17.5 ~ 23V 23 ~ 27V
28 ~ 34V
34 ~ 40V
41 ~ 50V
46 ~ 54V
53 ~ 62V
58 ~ 66V
88%
89%
89%
90%
90%
90%
90%
91%
91%
±4.0%
±4.0%
±4.0%
±3.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.5%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
12V
15V
20V
24V
30V
36V
42V
48V
54V
OWA-60E-12 OWA-60E-15 OWA-60E-20 OWA-60E-24 OWA-60E-30 OWA-60E-36 OWA-60E-42 OWA-60E-48 OWA-60E-54
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
250mVp-p
250mVp-p
350mVp-p
5A
4A
3A
2.5A
2A
1.67A
1.5A
1.25A
1.12A
60W
60W
60W
60W
60W
60.12W
63W
60W
60.48W
SAFETY &
EMC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
SAFETY STANDARDS
EMC IMMUNITY
EMC EMISSION
EN61558-1,-2-16 listed; EN60335-1 listed(except for OWA-60E-48,54); IP67 approved for power body
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
Compliance to EN55022 (CISPR22) Class B, EN55014-1, EN61000-3-2 class A,EN61000-3-3
μ
500ms, 80ms/230VAC
1000ms, 80ms/115VAC at 95% load


Similar Part No. - OWA-60E-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-12 MEANWELL-OWA-60U-12 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-15 MEANWELL-OWA-60U-15 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-20 MEANWELL-OWA-60U-20 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-60U-24 MEANWELL-OWA-60U-24 Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
More results

Similar Description - OWA-60E-42

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
OWA-60U MEANWELL-OWA-60U Datasheet
130Kb / 5P
   60W Single Output Moistureproof Adaptor
OWA-120E MEANWELL-OWA-120E Datasheet
211Kb / 4P
   120W Single Output Moistureproof Adaptor
OWA-90U MEANWELL-OWA-90U Datasheet
116Kb / 6P
   90W Single Output Moistureproof Adaptor
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-120U MEANWELL-OWA-120U Datasheet
104Kb / 5P
   120W Single Output Moistureproof Adaptor
OWA-90E MEANWELL-OWA-90E Datasheet
162Kb / 4P
   90W Single Output Moistureproof Adaptor
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
   60W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com