Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRS-150F-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-150F-48
Description  150W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-150F-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LRS-150F-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-150F-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-150F-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-150F-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
fosc : 65KHz
O.L.P.
O.T.P.
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
5V
12V
Others
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
150W Single Output Switching Power Supply
LRS-150F series
Static Characteristics
AMBIENT TEMPERATURE ( )
-30
0
20
10
30
40 45
20
40
50
80
60
100
60
50
70 (HORIZONTAL)
Derating Curve
Block Diagram
File Name:LRS-150F-SPEC 2015-12-31


Similar Part No. - LRS-150F-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-150 MEANWELL-LRS-150 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-12 MEANWELL-LRS-150-12 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-15 MEANWELL-LRS-150-15 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-24 MEANWELL-LRS-150-24 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150-36 MEANWELL-LRS-150-36 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
More results

Similar Description - LRS-150F-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com