Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRS-150-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-150-24
Description  150W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-150-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LRS-150-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-150-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-150-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-150-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
fosc : 65KHz
O.L.P.
O.T.P.
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
85
100
110
120
130
132
170
200
220
240
260
264
90
100
80
70
60
50
40
170 ~ 264VAC
85 ~ 132VAC
INPUT VOLTAGE (VAC) 60Hz
100VAC
Input only
230VAC
-30
0
-25
20
10
30
40
20
40
50
75
60
100
60
50
70 (HORIZONTAL)
150W Single Output Switching Power Supply
LRS-150 series
Static Characteristics
AMBIENT TEMPERATURE ( )
Derating Curve
Block Diagram
File Name:LRS-150-SPEC 2015-12-31


Similar Part No. - LRS-150-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-12 MEANWELL-LRS-150F-12 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-15 MEANWELL-LRS-150F-15 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-24 MEANWELL-LRS-150F-24 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-150F-36 MEANWELL-LRS-150F-36 Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
More results

Similar Description - LRS-150-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com