Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS1M002A Datasheet(PDF) 1 Page - ON Semiconductor

Part # SPS1M002A
Description  Smart Passive Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SPS1M002A Datasheet(HTML) 1 Page - ON Semiconductor

  SPS1M002A Datasheet HTML 1Page - ON Semiconductor SPS1M002A Datasheet HTML 2Page - ON Semiconductor SPS1M002A Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2016
January, 2016 − Rev. 1
1
Publication Order Number:
SPS1M002/D
SPS1M002
Smart Passive Sensor
Moisture Level Detection Sensor Tag
ON Semiconductor’s moisture sensing family of Smart Passive
Sensors are UHF RFID wireless sensors that allow the passive sensing
of moisture in a variety of applications where size and accessibility is
at a premium.
The moisture level detection sensor tag is specifically designed for
the passive sensing of moisture on various surfaces and finished goods
such as plastics, wood, and plaster. The tag digitizes sensed moisture
detection/level information which can be read by a standard UHF
RFID Gen 2 compliant reader. This Smart Passive Sensor can greatly
enhance the reliability of the end product and offers many benefits for
deployment in industrial settings.
Features
Single IC Wireless, Passive Moisture Sensing
Small form factor package: 89 x 24 mm
64 bit TID and 128 bit EPC + 144 bit User Defined Memory
EPC Class 1 Gen 2 v.2.0.0 ISO 18 000−6C Compliant
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Human Body Model (Note 1)
ESD
±1
kV
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Junction and Storage Temperature
Range (Note 2)
TJ, Tstg
−40 to +85
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Non−repetitive current pulse at TA = 25°C, per JS−001 waveform.
2. Shelf Life − minimum 2 years from date of manufacturing.
Device
Package
Shipping
ORDERING INFORMATION
RF Tag
CASE 888AA
SPS1M002A
Clear Dry
PET Inlay
(Pb−Free)
500 / Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SPS1M002B
500 / Reel
www.onsemi.com
Sensing Function: Moisture


Similar Part No. - SPS1M002A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPS1M002A ONSEMI-SPS1M002A Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
SPS1M002A-01 ONSEMI-SPS1M002A-01 Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
SPS1M002A-02 ONSEMI-SPS1M002A-02 Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
SPS1M002A-03 ONSEMI-SPS1M002A-03 Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
SPS1M002A-04 ONSEMI-SPS1M002A-04 Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
More results

Similar Description - SPS1M002A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SPSXT001PET ONSEMI-SPSXT001PET Datasheet
192Kb / 7P
   Smart Passive Sensor for Temperature Sensing
March, 2019 ??Rev. 2
SPSXT001PCB ONSEMI-SPSXT001PCB Datasheet
100Kb / 5P
   Smart Passive Sensor for Temperature Sensing
March, 2019 ??Rev. P1
SPSXT001FOM ONSEMI-SPSXT001FOM Datasheet
191Kb / 8P
   Smart Passive Sensor for Temperature Sensing
January, 2020 ??Rev. 0
SPSXF001PET ONSEMI-SPSXF001PET Datasheet
130Kb / 6P
   Smart Passive Sensor for Indirect Moisture Sensing
March, 2019 ??Rev. 1
SPSXM001FOM ONSEMI-SPSXM001FOM Datasheet
113Kb / 6P
   Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 0
SPSXM002PET ONSEMI-SPSXM002PET Datasheet
123Kb / 6P
   Smart Passive Sensor for Direct Moisture Sensing
March, 2019 ??Rev. 1
logo
Omron Electronics LLC
ZS-LD15G OMRON-ZS-LD15G Datasheet
1Mb / 2P
   smart sensor
logo
Mini-Circuits
PWR-8P-RC MINI-PWR-8P-RC Datasheet
1,004Kb / 6P
   Smart Power Sensor
logo
TE Connectivity Ltd
7-2252003-6 TEC-7-2252003-6 Datasheet
237Kb / 1P
   SMART CURRENT SENSOR
logo
Mini-Circuits
PWR-8PW-RC MINI-PWR-8PW-RC Datasheet
2Mb / 11P
   Smart Power Sensor
Rev. OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com