Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTFS4C05NWFTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVTFS4C05NWFTAG
Description  Single N- Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTFS4C05NWFTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NVTFS4C05NWFTAG Datasheet HTML 1Page - ON Semiconductor NVTFS4C05NWFTAG Datasheet HTML 2Page - ON Semiconductor NVTFS4C05NWFTAG Datasheet HTML 3Page - ON Semiconductor NVTFS4C05NWFTAG Datasheet HTML 4Page - ON Semiconductor NVTFS4C05NWFTAG Datasheet HTML 5Page - ON Semiconductor NVTFS4C05NWFTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVTFS4C05N
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
25
20
15
10
30
5
0
0
250
1000
1250
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.9
0.8
0.7
0.6
0.5
0.4
0
2
4
6
8
10
12
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
100
10
1
0.1
1
10
100
1000
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
QT
Qgs
Qgd
VDD = 15 V
ID = 15 A
VGS = 10 V
td(off)
td(on)
tr
tf
TJ = 25°C
TJ = 125°C
VGS = 0 V
VGS = 10 V
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
0.1 ms
10 ms
1 ms
dc
1750
2500
500
750
1500
2000
2250
3000
2750
1.0
0
2
4
6
8
10
0
4
8
1216
2024
28
32
TJ = 25°C
VDD = 15 V
VGS = 10 V
ID = 30 A
14
16
18
20
0.01 ms
0.1


Similar Part No. - NVTFS4C05NWFTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS4C02N ONSEMI-NVTFS4C02N Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVTFS4C02NTAG ONSEMI-NVTFS4C02NTAG Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVTFS4C02NWFTAG ONSEMI-NVTFS4C02NWFTAG Datasheet
146Kb / 7P
   MOSFET - Power, Single N-Channel, 8FL
September, 2020 ??Rev. 0
NVTFS4C06N ONSEMI-NVTFS4C06N Datasheet
91Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVTFS4C06NTAG ONSEMI-NVTFS4C06NTAG Datasheet
91Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
More results

Similar Description - NVTFS4C05NWFTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com