Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS6B05NWFT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS6B05NWFT3G
Description  Single N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6B05NWFT3G Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS6B05NWFT3G Datasheet HTML 1Page - ON Semiconductor NVMFS6B05NWFT3G Datasheet HTML 2Page - ON Semiconductor NVMFS6B05NWFT3G Datasheet HTML 3Page - ON Semiconductor NVMFS6B05NWFT3G Datasheet HTML 4Page - ON Semiconductor NVMFS6B05NWFT3G Datasheet HTML 5Page - ON Semiconductor NVMFS6B05NWFT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
NVMFS6B05N/D
NVMFS6B05N
Power MOSFET
100 V, 8.0 m
W, 114 A, Single N−Channel
Features
Small Footprint (5x6 mm) for Compact Design
Low RDS(on) to Minimize Conduction Losses
Low QG and Capacitance to Minimize Driver Losses
NVMFS6B05NWF − Wettable Flank Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage
VGS
±16
V
Continuous Drain Cur-
rent RqJC (Notes 1, 2,
3)
Steady
State
TC = 25°C
ID
114
A
TC = 100°C
80
Power Dissipation
RqJC (Notes 1, 2)
TC = 25°C
PD
165
W
TC = 100°C
83
Continuous Drain Cur-
rent RqJA (Notes 1, 2,
3)
Steady
State
TA = 25°C
ID
17
A
TA = 100°C
12
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.8
W
TA = 100°C
1.9
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
330
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
+ 175
°C
Source Current (Body Diode)
IS
130
A
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL(pk) = 50 A, L = 0.1 mH, RG = 25 W)
EAS
125
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.9
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
39
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
www.onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
XXXXXX
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
100 V
8.0 m
W @ 10 V
114 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
S
S
S
G
D
D
D
D
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
1
See detailed ordering, marking and shipping information on
page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NVMFS6B05NWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6B05NL ONSEMI-NVMFS6B05NL Datasheet
85Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P1
NVMFS6B05NLT1G ONSEMI-NVMFS6B05NLT1G Datasheet
85Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P1
NVMFS6B05NLT3G ONSEMI-NVMFS6B05NLT3G Datasheet
85Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P1
NVMFS6B05NLWFT1G ONSEMI-NVMFS6B05NLWFT1G Datasheet
85Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P1
NVMFS6B05NLWFT3G ONSEMI-NVMFS6B05NLWFT3G Datasheet
85Kb / 6P
   Single N?묬hannel Power MOSFET
October, 2015 ??Rev. P1
More results

Similar Description - NVMFS6B05NWFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
CPH3459 ONSEMI-CPH3459 Datasheet
462Kb / 5P
   Single N-Channel Power MOSFET
August, 2014
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com