Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVGS4111P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVGS4111P
Description  Single P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVGS4111P Datasheet(HTML) 2 Page - ON Semiconductor

  NVGS4111P Datasheet HTML 1Page - ON Semiconductor NVGS4111P Datasheet HTML 2Page - ON Semiconductor NVGS4111P Datasheet HTML 3Page - ON Semiconductor NVGS4111P Datasheet HTML 4Page - ON Semiconductor NVGS4111P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NVGS4111P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
−17
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −24 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−1.0
−3.0
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.0
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = −10 V, ID = −3.7 A
38
60
m
W
VGS = −4.5 V, ID = −2.7 A
68
110
Forward Transconductance
gFS
VDS = −10 V, ID = −3.7 A
6.0
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −15 V
750
pF
Output Capacitance
COSS
140
Reverse Transfer Capacitance
CRSS
105
Total Gate Charge
QG(TOT)
VGS = −10 V, VDD = −15 V,
ID = −3.7 A
15.25
32
nC
Threshold Gate Charge
QG(TH)
0.8
Gate−to−Source Charge
QGS
2.6
Gate−to−Drain Charge
QGD
3.4
SWITCHING CHARACTERISTICS, VGS = −10 V (Note 4)
Turn−On Delay Time
td(ON)
VGS = −10 V, VDD = −15 V,
ID = −1.0 A, RG = 6.0 W
9.0
17
ns
Rise Time
tr
9.0
18
Turn−Off Delay Time
td(OFF)
38
85
Fall Time
tf
22
45
SWITCHING CHARACTERISTICS, VGS = −4.5 V (Note 4)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −15 V,
ID = −1.0 A, RG = 6.0 W
11
20
ns
Rise Time
tr
15
28
Turn−Off Delay Time
td(OFF)
28
56
Fall Time
tf
22
50
DRAIN − SOURCE DIODE CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Diode Voltage
VDS
VGS = 0 V,
IS = −1.0 A
TJ = 25°C
−0.76
−1.2
V
TJ = 125°C
−0.60
Reverse Recovery Time
tRR
VGS = 0 V
dIS/dt = 100 A/ms, IS = −1.0 A
17
40
ns
Charge Time
ta
9.0
Discharge Time
tb
8.0
Reverse Recovery Charge
QRR
8.0
nC
3. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVGS4111P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVGS4111PT1G ONSEMI-NVGS4111PT1G Datasheet
123Kb / 6P
   Power MOSFET
August, 2014 ??Rev. 4
More results

Similar Description - NVGS4111P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1_16 Datasheet
110Kb / 4P
   Power MOSFET Single P-Channel
October, 2016 ??Rev. 9
CPH3351 ONSEMI-CPH3351 Datasheet
403Kb / 5P
   Single P-Channel Power MOSFET
March 2015 - Rev. 2
CPH6337 ONSEMI-CPH6337 Datasheet
484Kb / 5P
   Single P-Channel Power MOSFET
September 2015 - Rev. 2
MCH3374 ONSEMI-MCH3374 Datasheet
486Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
MCH3376 ONSEMI-MCH3376 Datasheet
735Kb / 5P
   Single P-Channel Power MOSFET
July, 2014
MCH5839 ONSEMI-MCH5839 Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
SFT1341 ONSEMI-SFT1341 Datasheet
353Kb / 6P
   Single P-Channel Power MOSFET
September, 2014
logo
Unisonic Technologies
UT2955 UTC-UT2955_15 Datasheet
234Kb / 4P
   SINGLE P-CHANNEL POWER MOSFET
logo
ON Semiconductor
CPH3348 ONSEMI-CPH3348 Datasheet
487Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH3360 ONSEMI-CPH3360 Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
SCH1345 ONSEMI-SCH1345 Datasheet
546Kb / 5P
   Single P-Channel Power MOSFET
November 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com